Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC89SF Datasheet(PDF) 2 Page - Green Power Solutions srl

Part # GC89SF
Description  BAR CLAMP FOR HOCKEY PUK DEVICES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GC89SF Datasheet(HTML) 2 Page - Green Power Solutions srl

  GC89SF Datasheet HTML 1Page - Green Power Solutions srl GC89SF Datasheet HTML 2Page - Green Power Solutions srl GC89SF Datasheet HTML 3Page - Green Power Solutions srl GC89SF Datasheet HTML 4Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAR CLAMP FOR HOCKEY PUK DEVICES
GC89…F
ORDERING INFORMATION TABLE
Clamps can be ordered using the following part numbering system
GC89
B
N
B
A
20
F
S
(1)
(2)
(3)
(4)
(5)
(6)
(1) Construction type:
(2) Insulator position:
(3) Insulator code:
(4) Bolt code:
(5) Clamping force (in kN):
(6) Special accessories
K: Total thickness of the assembly to be clamped
For thicknesses S' Min < K < S Min an additional 4mm thick bar spacer is needed (see list of special accessories)
Type GC89BN…F: suggested insulator/bolt types
S' Min [mm]**
S Min [mm]
S Max [mm]
(3)
Ins. Length [mm]
29
33
48
A
50
39
43
58
B
70
49
53
68
B
70
59
63
78
C
95
69
73
88
C
95
79
83
98
C
95
89
93
108
D
120
** with additional bar spacer only
Type GC89BR…F: suggested insulator/bolt types
S' Min [mm]**
S Min [mm]
S Max [mm]
(3)
Ins. Length [mm]
29
33
48
A
50
39
43
58
A
50
49
53
68
B
70
59
63
78
B
70
69
73
88
B
70
79
83
98
C
95
89
93
108
C
95
** with additional bar spacer only
Type GC89SN…F: suggested insulator/bolt types
S' Min [mm]**
S Min [mm]
S Max [mm]
(3)
Ins. Length [mm]
29
33
48
A
50
39
43
58
B
70
49
53
68
B
70
59
63
78
C
95
69
73
88
C
95
79
83
98
C
95
89
93
108
D
120
** with additional bar spacer only
Type GC89SR…F: suggested insulator/bolt types
S' Min [mm]**
S Min [mm]
S Max [mm]
(3)
Ins. Length [mm]
49
53
68
B
70
59
63
78
B
70
69
73
88
B
70
79
83
98
C
95
89
93
108
C
95
99
103
118
D
120
109
113
128
D
120
** with additional bar spacer only
Document GC89…FT001
E
150
179
F
160
189
C
130
159
D
140
169
A
110
139
B
120
149
(4)
Bolt Length [mm]
T [mm]
Z
100
129
Allowed clearance S
Insulator choice
Bolt choice
Max height
E
150
160
F
160
170
C
130
140
D
140
150
A
110
120
B
120
130
(4)
Bolt Length [mm]
T [mm]
Z
100
110
Allowed clearance S
Insulator choice
Bolt choice
Max height
E
150
179
F
160
189
C
130
159
D
140
169
A
110
139
B
120
149
(4)
Bolt Length [mm]
T [mm]
Z
100
129
F
160
177
Allowed clearance S
Insulator choice
Bolt choice
Max height
D
140
157
E
150
167
B
120
137
C
130
147
Z
100
117
A
110
127
Max height
(4)
Bolt Length [mm]
T [mm]
Allowed clearance S
Insulator choice
Bolt choice
20
24
blank = no accessories
S = extra bar spacer
see table below
see table below
12
16
B = with double bar
S = with single bar
N = upper side
R = lower side
K



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com