Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2428IG Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2428IG
Description  4-/8-Channel 20-Bit mPower No Latency DSTM ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2428IG Datasheet(HTML) 2 Page - Linear Technology

  LTC2428IG Datasheet HTML 1Page - Linear Technology LTC2428IG Datasheet HTML 2Page - Linear Technology LTC2428IG Datasheet HTML 3Page - Linear Technology LTC2428IG Datasheet HTML 4Page - Linear Technology LTC2428IG Datasheet HTML 5Page - Linear Technology LTC2428IG Datasheet HTML 6Page - Linear Technology LTC2428IG Datasheet HTML 7Page - Linear Technology LTC2428IG Datasheet HTML 8Page - Linear Technology LTC2428IG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2
LTC2424/LTC2428
ORDER
PART NUMBER
(Notes 1, 2)
Supply Voltage (VCC) to GND.......................– 0.3V to 7V
Analog Input Voltage to GND ....... – 0.3V to (VCC + 0.3V)
Reference Input Voltage to GND .. – 0.3V to (VCC + 0.3V)
Digital Input Voltage to GND ........ – 0.3V to (VCC + 0.3V)
Digital Output Voltage to GND ..... – 0.3V to (VCC + 0.3V)
TJMAX = 125°C, θJA = 130°C/W
LTC2424CG
LTC2424IG
Operating Temperature Range
LTC2424C/LTC2428C .............................. 0
°C to 70°C
LTC2424I/LTC2428I ........................... – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER
PART NUMBER
LTC2428CG
LTC2428IG
TJMAX = 125°C, θJA = 130°C/W
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
G PACKAGE
28-LEAD PLASTIC SSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
GND
VCC
FSSET
ADCIN
ZSSET
GND
MUXOUT
VCC
CH0
CH1
CH2
CH3
NC
NC
GND
GND
FO
SCK
SDO
CSADC
GND
DIN
CSMUX
CLK
GND
NC
GND
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
G PACKAGE
28-LEAD PLASTIC SSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
GND
VCC
FSSET
ADCIN
ZSSET
GND
MUXOUT
VCC
CH0
CH1
CH2
CH3
CH4
CH5
GND
GND
FO
SCK
SDO
CSADC
GND
DIN
CSMUX
CLK
GND
CH7
GND
CH6
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
0.1V
≤ VREF ≤ VCC, (Note 5)
q
20
Bits
Integral Nonlinearity
VREF = 2.5V (Note 6)
q
4
10
ppm of VREF
VREF = 5V (Note 6)
q
8
20
ppm of VREF
Integral Nonlinearity (Fast Mode)
2.5V < VREF < VCC, 100 Samples/Second, fO = 2.051MHz
q
40
250
ppm of VREF
Offset Error
2.5V
≤ VREF ≤ VCC
q
0.5
10
ppm of VREF
Offset Error (Fast Mode)
2.5V < VREF < 5V, 100 Samples/Second, fO = 2.051MHz
3
ppm of VREF
Offset Error Drift
2.5V
≤ VREF ≤ VCC
0.04
ppm of VREF/°C
Full-Scale Error
2.5V
≤ VREF ≤ VCC
q
4
15
ppm of VREF
Full-Scale Error (Fast Mode)
2.5V < VREF < 5V, 100 Samples/Second, fO = 2.051MHz
10
ppm of VREF
Full-Scale Error Drift
2.5V
≤ VREF ≤ VCC
0.04
ppm of VREF/°C
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Notes 3, 4)
CONVERTER CHARACTERISTICS
Consult factory for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com