Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2483 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2483
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2483 Datasheet(HTML) 2 Page - Linear Technology

  LTC2483 Datasheet HTML 1Page - Linear Technology LTC2483 Datasheet HTML 2Page - Linear Technology LTC2483 Datasheet HTML 3Page - Linear Technology LTC2483 Datasheet HTML 4Page - Linear Technology LTC2483 Datasheet HTML 5Page - Linear Technology LTC2483 Datasheet HTML 6Page - Linear Technology LTC2483 Datasheet HTML 7Page - Linear Technology LTC2483 Datasheet HTML 8Page - Linear Technology LTC2483 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
LTC2483
2483f
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
(Notes 1, 2)
Supply Voltage (VCC) to GND...................... –0.3V to 6V
Analog Input Voltage to GND ....... – 0.3V to (VCC + 0.3V)
Reference Input Voltage to GND .. – 0.3V to (VCC + 0.3V)
Digital Input Voltage to GND ........ – 0.3V to (VCC + 0.3V)
Digital Output Voltage to GND ..... – 0.3V to (VCC + 0.3V)
Operating Temperature Range
LTC2483C ................................................... 0
°C to 70°C
LTC2483I ................................................ – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
*The temperature grade is identified by a label on the shipping container.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
0.1
≤ VREF ≤ VCC, –FS ≤ VIN ≤ +FS (Note 5)
●
16
Bits
Integral Nonlinearity
5V
≤ VCC ≤ 5.5V, VREF = 5V, VIN(CM) = 2.5V (Note 6)
●
2
10
ppm of VREF
2.7V
≤ VCC ≤ 5.5V, VREF = 2.5V, VIN(CM) = 1.25V (Note 6)
1
ppm of VREF
Offset Error
2.5V
≤ VREF ≤ VCC, GND ≤ IN+ = IN– ≤ VCC (Note 13)
●
0.5
2.5
µV
Offset Error Drift
2.5V
≤ VREF ≤ VCC, GND ≤ IN+ = IN– ≤ VCC
10
nV/
°C
Positive Full-Scale Error
2.5V
≤ VREF ≤ VCC, IN+ = 0.75VREF, IN– = 0.25VREF
●
25
ppm of VREF
Positive Full-Scale Error Drift
2.5V
≤ VREF ≤ VCC, IN+ = 0.75VREF, IN– = 0.25VREF
0.1
ppm of
VREF/°C
Negative Full-Scale Error
2.5V
≤ VREF ≤ VCC, IN– = 0.75VREF, IN+ = 0.25VREF
●
25
ppm of VREF
Negative Full-Scale Error Drift
2.5V
≤ VREF ≤ VCC, IN– = 0.75VREF, IN+ = 0.25VREF
0.1
ppm of
VREF/°C
Total Unadjusted Error
5V
≤ VCC ≤ 5.5V, VREF = 2.5V, VIN(CM) = 1.25V (Note 6)
15
ppm of VREF
5V
≤ VCC ≤ 5.5V, VREF = 5V, VIN(CM) = 2.5V (Note 6)
15
ppm of VREF
2.7V
≤ VCC ≤ 5.5V, VREF = 2.5V, VIN(CM) = 1.25V (Note 6)
15
ppm of VREF
Output Noise
5V
≤ VCC ≤ 5.5V, VREF = 5V, GND ≤ IN– = IN+ ≤ VCC (Note 12)
0.6
µVRMS
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Notes 3, 4)
ELECTRICAL CHARACTERISTICS
LTC2483CDD
LTC2483IDD
TOP VIEW
11
DD PACKAGE
10-LEAD (3mm
× 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
CA0/F0
CA1
GND
SDA
SCL
REF+
VCC
REF–
IN+
IN–
ORDER PART NUMBER
DD PART MARKING*
LBSR
TJMAX = 125°C, θJA = 43°C/ W
EXPOSED PAD (PIN 11) IS GND
MUST BE SOLDERED TO PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com