Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2483CDD Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2483CDD
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2483CDD Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2483CDD Datasheet HTML 9Page - Linear Technology LTC2483CDD Datasheet HTML 10Page - Linear Technology LTC2483CDD Datasheet HTML 11Page - Linear Technology LTC2483CDD Datasheet HTML 12Page - Linear Technology LTC2483CDD Datasheet HTML 13Page - Linear Technology LTC2483CDD Datasheet HTML 14Page - Linear Technology LTC2483CDD Datasheet HTML 15Page - Linear Technology LTC2483CDD Datasheet HTML 16Page - Linear Technology LTC2483CDD Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
13
LTC2483
2483f
APPLICATIO S I FOR ATIO
LTC2483 Data Format
After a START condition, the master sends a 7-bit address
followed by a R/W bit. The bit R/W is 1 for a Read request
and 0 for a Write request. If the 7-bit address agrees with
an LTC2483’s address, that device is selected. When the
device is in the conversion state, it does not accept the
request and issues a Not-Acknowledge (NAK) by leaving
SDA HIGH. A write operation will also generate an NAK
signal. If the conversion is complete, it issues an acknowl-
edge (ACK) by pulling SDA LOW.
The output register contains the last conversion result.
After each conversion is completed, the device automati-
cally enters the sleep state where the supply current is
reduced to 1
µA. When the LTC2483 is addressed for a
Read operation, it acknowledges (by pulling SDA LOW)
and acts as a transmitter. The master and receiver can read
up to three bytes from the LTC2483. After a complete Read
operation (3 bytes), the output register is emptied, a new
conversion is initiated, and a following Read request in the
same output phase will be NAKed. The LTC2483 output
data stream is 24 bits long, shifted out on the falling edges
of SCL. The first bit is the conversion result sign bit (SIG),
see Tables 1 and 2. This bit is HIGH if VIN ≥ 0. It is LOW if
VIN <0. The second bit is the most significant bit (MSB) of
the result. The first two bits (SIG and MSB) can be used to
indicate over range conditions. If both bits are HIGH, the
differential input voltage is above +FS and the following 16
bits are set to LOW to indicate an overrange condition. If
both bits are LOW, the input voltage is below –FS and the
following 16 bits are set to HIGH to indicate an underrange
condition. The function of these two bits is summarized in
Table 1. The next 16 bits contain the conversion results in
binary two’s complement format. The remaining six bits
are LOW.
Table 2. LTC2483 Output Data Format
DIFFERENTIAL INPUT VOLTAGE
BIT 23
BIT 22
BIT 21
BIT 20
BIT 19
…
BIT 6
VIN*
SIG
MSB
VIN* ≥ FS**
1
1
0
0
0
…
0
FS** – 1LSB
1
0
1
1
1
…
1
0.5 • FS**
1
0
1
0
0
…
0
0.5 • FS** – 1LSB
1
0
0
1
1
…
1
01
0
0
0
0
…
0
–1LSB
0
1
1
1
1
…
1
– 0.5 • FS**
0
1
1
0
0
…
0
– 0.5 • FS** – 1LSB
0
1
0
1
1
…
1
– FS**
0
1
0
0
0
…
0
VIN* < –FS**
0
0
1
1
1
…
1
*The differential input voltage VIN = IN+ – IN–. **The full-scale voltage FS = 0.5 • VREF.
Table 1. LTC2483 Status Bits
BIT 23
BIT 22
INPUT RANGE
SIG
MSB
VIN ≥ 0.5 • VREF
11
0V
≤ VIN < 0.5 • VREF
10
–0.5 • VREF ≤ VIN < 0V
0
1
VIN < – 0.5 • VREF
00
As long as the voltage on the IN+ and IN– pins is main-
tained within the – 0.3V to (VCC+ 0.3V) absolute maximum
operating range, a conversion result is generated for any
differential input voltage VIN from –FS = –0.5 • VREF to +FS
= 0.5 • VREF. For differential input voltages greater than
+FS, the conversion result is clamped to the value corre-
sponding to the +FS + 1LSB. For differential input voltages
below –FS, the conversion result is clamped to the value
corresponding to –FS – 1LSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com