Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2483IDD Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2483IDD
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2483IDD Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2483IDD Datasheet HTML 17Page - Linear Technology LTC2483IDD Datasheet HTML 18Page - Linear Technology LTC2483IDD Datasheet HTML 19Page - Linear Technology LTC2483IDD Datasheet HTML 20Page - Linear Technology LTC2483IDD Datasheet HTML 21Page - Linear Technology LTC2483IDD Datasheet HTML 22Page - Linear Technology LTC2483IDD Datasheet HTML 23Page - Linear Technology LTC2483IDD Datasheet HTML 24Page - Linear Technology LTC2483IDD Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
21
LTC2483
2483f
In addition to this gain error, the converter INL perfor-
mance is degraded by the reference source impedance.
The INL is caused by the input dependent terms
–VIN2/(VREF • REQ) – (0.5 • VREF • DT)/REQ in the reference
pin current as expressed in Figure 7. When using internal
oscillator, every 100
Ω of reference source resistance
translates into about 0.61ppm additional INL error. When
CA0/F0 is driven by an external oscillator with a frequency
fEOSC, every 100Ω of source resistance driving REF+ or
REF– translates into about 2.18 • 10–6 • fEOSCppm addi-
tional INL error. Figure 15 shows the typical INL error due
to the source resistance driving the REF+ or REF– pins
when large CREF values are used. The user is advised to
minimize the source impedance driving the REF+ and
REF– pins.
In applications where the reference and input common
mode voltages are different, extra errors are introduced.
For every 1V of the reference and input common mode
voltage difference (VREFCM – VINCM) and a 5V reference,
each Ohm of reference source resistance introduces an
extra (VREFCM – VINCM)/(VREF • REQ) full-scale gain error,
which is 0.067ppm when using internal oscillator. If an
APPLICATIO S I FOR ATIO
external clock is used, the corresponding extra gain error
is 0.24 • 10–6 • fEOSCppm.
The magnitude of the dynamic reference current depends
upon the size of the very stable internal sampling capaci-
tors and upon the accuracy of the converter sampling
clock. The accuracy of the internal clock over the entire
temperature and power supply range is typically better
than 0.5%. Such a specification can also be easily achieved
by an external clock. When relatively stable resistors
(50ppm/
°C) are used for the external source impedance
seen by REF+ and REF–, the expected drift of the dynamic
current gain error will be insignificant (about 1% of its
value over the entire temperature and voltage range). Even
for the most stringent applications a one-time calibration
operation may be sufficient.
In addition to the reference sampling charge, the reference
pins ESD protection diodes have a temperature dependent
leakage current. This leakage current, nominally 1nA
(
±10nA max), results in a small gain error. A 100Ω source
resistance will create a 0.05
µV typical and 0.5µV maxi-
mum full-scale error.
Figure 15. INL vs DIFFERENTIAL Input Voltage and
Reference Source Resistance for CREF > 1µF
VIN/VREF (V)
– 0.5
2
6
10
0.3
2483 F15
–2
–6
0
4
8
–4
–8
–10
– 0.3
– 0.1
0.1
0.5
VCC = 5V
VREF = 5V
VIN(CM) = 2.5V
TA = 25°C
CREF = 10µF
R = 1k
R = 100
Ω
R = 500
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com