Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2485 Datasheet(PDF) 39 Page - Linear Technology

Part # LTC2485
Description  24-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2485 Datasheet(HTML) 39 Page - Linear Technology

Back Button LTC2485 Datasheet HTML 32Page - Linear Technology LTC2485 Datasheet HTML 33Page - Linear Technology LTC2485 Datasheet HTML 34Page - Linear Technology LTC2485 Datasheet HTML 35Page - Linear Technology LTC2485 Datasheet HTML 36Page - Linear Technology LTC2485 Datasheet HTML 37Page - Linear Technology LTC2485 Datasheet HTML 38Page - Linear Technology LTC2485 Datasheet HTML 39Page - Linear Technology LTC2485 Datasheet HTML 40Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
39
LTC2485
2485fa
SCL
SDA
CAO/FO
6
7
10
18
17
16
15
14
13
12
11
28
27
26
25
24
23
22
21
7
6
5
4
3
2
VCC
5V
LTC2485
REF
REF–
IN–
IN+
3
ISOTHERMAL
2
C7
0.1
µF
C8
1
µF
C6
0.1
µF
4
R2
2k
5
TYPE K
THERMOCOUPLE
JACK
(OMEGA MPJ-K-F)
5V
5V
3
8
9
GND
CA1
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
RA5
RA4
RA3
RA2
RA1
RA0
VDD
OSC1
OSC2
MCLR
20
9
10
1
5V
5V
Y1
6MHz
R1
10k
D1
BAT54
VSS
9
2485 F45
VSS
19
PIC16F73
D7
D6
D5
D4
EN
RW
RS
R5
10k
R4
10k
R3
10k
R6
5k
2
1
3
2
1
5V
CALIBRATE
CONTRAST
GND D0
VCC
D1 D2 D3
2
× 16 CHARACTER
LCD DISPLAY
(OPTREX DMC162488
OR SIMILAR)
DOWN
UP
1.7k
1.7k
TYPICAL APPLICATIO
Figure 45. Complete Type K Thermocouple Meter
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com