Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2485IDD Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2485IDD
Description  24-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2485IDD Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2485IDD Datasheet HTML 17Page - Linear Technology LTC2485IDD Datasheet HTML 18Page - Linear Technology LTC2485IDD Datasheet HTML 19Page - Linear Technology LTC2485IDD Datasheet HTML 20Page - Linear Technology LTC2485IDD Datasheet HTML 21Page - Linear Technology LTC2485IDD Datasheet HTML 22Page - Linear Technology LTC2485IDD Datasheet HTML 23Page - Linear Technology LTC2485IDD Datasheet HTML 24Page - Linear Technology LTC2485IDD Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
21
LTC2485
2485fa
Reference Voltage Range
The LTC2485 external reference voltage range is 0.1V to
VCC. The converter output noise is determined by the
thermal noise of the front-end circuits, and as such, its
value in nanovolts is nearly constant with reference volt-
age. A reduced reference voltage will improve the con-
verter performance when operated with an external con-
version clock (external FO signal) at substantially higher
output data rates (see the Output Data Rate section). VREF
must be
≥1.1V to use the internal temperature sensor.
The reference input is differential. The differential refer-
ence input range (VREF = REF+ – REF–) is 100mV to VCC and
the common mode reference input range is 0V to VCC.
Input Voltage Range
The analog input is truly differential with an absolute/
common mode range for the IN+ and IN– input pins
extending from GND – 0.3V to VCC + 0.3V. Outside
these limits, the ESD protection devices begin to turn on
and the errors due to input leakage current increase rapidly.
Within these limits, the LTC2485 converts the bipolar
differential input signal, VIN = IN+ – IN–, from – FS to +FS
where FS = 0.5 • VREF. Beyond this range, the converter
indicates the overrange or the underrange condition using
distinct output codes. Since the differential input current
cancellation does not rely on an on-chip buffer, current
cancellation and DC performance is maintained rail-to-rail.
Input signals applied to IN+ and IN– pins may extend by
300mV below ground and above VCC. In order to limit any
fault current, resistors of up to 5k may be added in series
with the IN+ and IN– pins without affecting the perfor-
mance of the devices. The effect of the series resistance on
the converter accuracy can be evaluated from the curves
presented in the Input Current/Reference Current sec-
tions. In addition, series resistors will introduce a tem-
perature dependent offset error due to the input leakage
current. A 1nA input leakage current will develop a 1ppm
offset error on a 5k resistor if VREF = 5V. This error has a
very strong temperature dependency.
Driving the Input and Reference
The input and reference pins of the LTC2485 converter are
directly connected to a network of sampling capacitors.
Depending upon the relation between the differential input
voltage and the differential reference voltage, these capaci-
tors are switching between these four pins transferring
small amounts of charge in the process. A simplified equiva-
lent circuit is shown in Figure 12.
Figure 12. LTC2485 Equivalent Analog Input Circuit
VREF
+
VIN
+
VCC
RSW (TYP)
10k
ILEAK
ILEAK
VCC
ILEAK
ILEAK
VCC
RSW (TYP)
10k
CEQ
12pF
(TYP)
RSW (TYP)
10k
ILEAK
IIN
+
VIN
–
IIN
–
IREF
+
IREF
–
2485 F12
ILEAK
VCC
ILEAK
ILEAK
SWITCHING FREQUENCY
fSW = 123kHz INTERNAL OSCILLATOR
fSW = 0.4 • fEOSC EXTERNAL OSCILLATOR
VREF
–
RSW (TYP)
10k
IIN
IIN
VV
R
I REF
VV
V
R
V
VR
VD
R
VV
V
R
V
VR
where
AVG
AVG
IN CM
REF CM
EQ
AVG
REF
INCM
REFCM
EQ
IN
REF
EQ
REF
T
EQ
REF
REF CM
IN CM
EQ
IN
REF
EQ
+
+
REF+
REF–
() = () =
−
() =
−
+
−
−≅
+
()
–
()
()
()
()
.
.
.
.
.–
.
–
05
15
05
05
15
05
2
2
:
.
V
VIN
IN
V
IN
IN
R
M
INTERNAL OSCILLATOR
Hz MODE
REFCM
IN
INCM
EQ
=
=
−
=
+
−
=
=
Ω
=
()
+
−
+
−
V
, REF =
REF+
REF–
+
2
2
271
60
Ω
R
2.98M
INTERNAL OSCILLATOR 50Hz AND 60Hz MODE
R
0.833 10
/ f
EXTERNAL OSCILLATOR
D IS THE DENSITY OF A DIGITAL TRANSITION AT THE MODULATOR OUTPUT
EQ
EQ
12
EOSC
T
WHERE REF– IS INTERNALLY TIED TO GND
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com