Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2488IDE Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2488IDE
Description  16-Bit 2-/4-Channel ?誇 ADC with Easy Drive Input Current Cancellation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2488IDE Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2488IDE Datasheet HTML 17Page - Linear Technology LTC2488IDE Datasheet HTML 18Page - Linear Technology LTC2488IDE Datasheet HTML 19Page - Linear Technology LTC2488IDE Datasheet HTML 20Page - Linear Technology LTC2488IDE Datasheet HTML 21Page - Linear Technology LTC2488IDE Datasheet HTML 22Page - Linear Technology LTC2488IDE Datasheet HTML 23Page - Linear Technology LTC2488IDE Datasheet HTML 24Page - Linear Technology LTC2488IDE Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC2488
21
2488f
CH3, COM), on the other hand, are typically driven from
larger source resistances. Source resistances up to 10k
may interface directly to the LTC2488 and settle completely;
however, the addition of external capacitors at the input
terminals in order to filter unwanted noise (anti-aliasing)
results in incomplete settling.
Automatic Differential Input Current Cancellation
In applications where the sensor output impedance is
low (up to 10kΩ with no external bypass capacitor or up
to 500Ω with 0.001µF bypass), complete settling of the
input occurs. In this case, no errors are introduced and
direct digitization is possible.
For many applications, the sensor output impedance
combined with external input bypass capacitors produces
RC time constants much greater than the 580ns required
for 1ppm accuracy. For example, a 10kΩ bridge driving a
0.1µF capacitor has a time constant an order of magnitude
greater than the required maximum.
The LTC2488 uses a proprietary switching algorithm that
forces the average differential input current to zero indepen-
dent of external settling errors. This allows direct digitization
of high impedance sensors without the need of buffers.
The switching algorithm forces the average input current
on the positive input (IIN
+) to be equal to the average input
current on the negative input (IIN
–). Over the complete
conversion cycle, the average differential input current
(IIN
+ – IIN–) is zero. While the differential input current is
zero, the common mode input current (IIN
+ + IIN–)/2 is
proportional to the difference between the common mode
input voltage (VIN(CM)) and the common mode reference
voltage (VREF(CM)).
In applications where the input common mode voltage is
equal to the reference common mode voltage, as in the
case of a balanced bridge, both the differential and com-
mon mode input currents are zero. The accuracy of the
converter is not compromised by settling errors.
In applications where the input common mode voltage is
constant but different from the reference common mode
voltage, the differential input current remains zero while
the common mode input current is proportional to the
difference between VIN(CM) and VREF(CM). For a reference
common mode voltage of 2.5V and an input common mode
of 1.5V, the common mode input current is approximately
0.74µA. This common mode input current does not degrade
the accuracy if the source impedances tied to IN+ and
APPLICATIONS INFORMATION
Figure 10. LTC2488 Equivalent Analog Input Circuit
IN+
IN–
10k
INTERNAL
SWITCH
NETWORK
10k
CEQ
12pF
10k
IIN
–
REF+
IREF
+
IIN
+
IREF
–
2488 F10
SWITCHING FREQUENCY
fSW = 123kHz INTERNAL OSCILLATOR
fSW = 0.4 • fEOSC EXTERNAL OSCILLATOR
REF–
10k
100
Ω
INPUT
MULTIPLEXER
100
Ω
IIN
IIN
VV
R
AVG
AVG
IN CM
REF CM
EQ
+
() = () =
−
•
–
()
()
.
05
IIREF
VV
V
R
AVG
REF
REF CM
IN CM
+
() ≈
+
()
15
05
.–
.•
()
()
E
EQ
IN
REF
EQ
REF
REF CM
V
VR
where
V
REF
REF
V
–
•
:
(
2
=−
+−
))
–
,
=
⎛
⎝
⎜⎜
⎞
⎠
⎟⎟
=−
+−
+−
+
REF
REF
V
IN
IN
WHERE IN AN
IN
2
D
D IN ARE THE SELECTED INPUT CHANNELS
V
IN
IN CM
−
+
=
()
–
–IN−
⎛
⎝
⎜⎜
⎞
⎠
⎟⎟
=Ω
2
R
2.98M INTERNAL OSCILLATOR
R
EQ
E
EQ
12
EOSC
0.833 10
/f
EXTERNAL OSCILLATOR
=•
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com