Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2494 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2494
Description  16-Bit 8-/16-Channel ?誇 ADC with PGA and Easy Drive Input Current Cancellation
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2494 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2494 Datasheet HTML 17Page - Linear Technology LTC2494 Datasheet HTML 18Page - Linear Technology LTC2494 Datasheet HTML 19Page - Linear Technology LTC2494 Datasheet HTML 20Page - Linear Technology LTC2494 Datasheet HTML 21Page - Linear Technology LTC2494 Datasheet HTML 22Page - Linear Technology LTC2494 Datasheet HTML 23Page - Linear Technology LTC2494 Datasheet HTML 24Page - Linear Technology LTC2494 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
LTC2494
21
2494fb
Figure 4. Internal PTAT Digital Output vs Temperature
Figure 5. Absolute Temperature Error
Table 6. LTC2494 Interface Timing Modes
CONFIGURATION
SCK
SOURCE
CONVERSION
CYCLE CONTROL
DATA OUTPUT
CONTROL
CONNECTION AND
WAVEFORMS
External SCK, Single Cycle
Conversion
External
CS and SCK
CS and SCK
Figures 6, 7
External SCK, 3-Wire I/O
External
SCK
SCK
Figure 8
Internal SCK, Single Cycle
Conversion
Internal
CS↓
CS↓
Figures 9, 10
Internal SCK, 3-Wire I/O,
Continuous Conversion
Internal
Continuous
Internal
Figure 11
External Serial Clock, Single Cycle Operation
This timing mode uses an external serial clock to shift out
the conversion result and CS to monitor and control the
state of the conversion cycle (see Figure 6).
The external serial clock mode is selected during the power-
up sequence and on each falling edge of CS. In order to
enter and remain in the external SCK mode of operation,
SCK must be driven LOW both at power up and on each
CS falling edge. If SCK is HIGH on the falling edge of CS,
the device will switch to the internal SCK mode.
The serial data output pin (SDO) is Hi-Z as long as CS is
HIGH. At any time during the conversion cycle, CS may be
pulled LOW in order to monitor the state of the converter.
While CS is LOW, EOC is output to the SDO pin.
EOC = 1 while a conversion is in progress and EOC = 0 if
the conversion is complete and the device is in the sleep
state. Independent of CS, the device automatically enters
the sleep state once the conversion is complete; however,
in order to reduce the power, CS must be HIGH.
When the device is in the sleep state, its conversion result
is held in an internal static shift register. The device remains
in the sleep state until the first rising edge of SCK is seen
while CS is LOW. The input data is then shifted in via the
SDI pin on each rising edge of SCK (including the first rising
edge). The channel selection and converter configuration
mode will be used for the following conversion cycle. If
the input channel or converter configuration is changed
during this I/O cycle, the new settings take effect on the
conversion cycle following the data input/output cycle.
The output data is shifted out the SDO pin on each falling
edge of SCK. This enables external circuitry to latch the
output on the rising edge of SCK. EOC can be latched on
the first rising edge of SCK and the last bit of the conver-
sion result can be latched on the 24th rising edge of SCK.
On the 24th falling edge of SCK, the device begins a new
conversion and SDO goes HIGH (EOC = 1) indicating a
conversion is in progress.
At the conclusion of the data cycle, CS may remain LOW
and EOC monitored as an end-of-conversion interrupt.
APPLICATIONS INFORMATION
TEMPERATURE (K)
0
480
640
800
960
1020
400
2494 F04
320
0
300
200
100
160
VCC = 5V
VREF = 5V
SLOPE = 2.45 LSB16/K
TEMPERATURE (
°C)
–55
–30
–5
5
4
3
2
1
–4
–3
–2
–1
0
120
95
70
45
20
2494 F05
–5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com