Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2496 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2496
Description  16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2496 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2496 Datasheet HTML 17Page - Linear Technology LTC2496 Datasheet HTML 18Page - Linear Technology LTC2496 Datasheet HTML 19Page - Linear Technology LTC2496 Datasheet HTML 20Page - Linear Technology LTC2496 Datasheet HTML 21Page - Linear Technology LTC2496 Datasheet HTML 22Page - Linear Technology LTC2496 Datasheet HTML 23Page - Linear Technology LTC2496 Datasheet HTML 24Page - Linear Technology LTC2496 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC2496
21
2496fa
APPLICATIONS INFORMATION
Figure 7. Internal Serial Clock, Single Cycle Operation
Internal Serial Clock, Single Cycle Operation
This timing mode uses the internal serial clock to shift out
the conversion result and ⎯C⎯S to monitor and control the
state of the conversion cycle, see Figure 7.
In order to select the internal serial clock timing mode,
the serial clock pin (SCK) must be floating or pulled HIGH
before the conclusion of the POR cycle and prior to each
falling edge of ⎯C⎯S. An internal weak pull-up resistor is active
on the SCK pin during the falling edge of ⎯C⎯S; therefore,
the internal SCK mode is automatically selected if SCK is
not externally driven.
The serial data output pin (SDO) is Hi-Z as long as ⎯C⎯S is
HIGH. At any time during the conversion cycle, ⎯C⎯S may be
pulled low in order to monitor the state of the converter.
Once ⎯C⎯S is pulled LOW, SCK goes LOW and ⎯E⎯O⎯C is output
to the SDO pin. ⎯E⎯O⎯C =1 while the conversion is in progress
and ⎯E⎯O⎯C = 0 if the device is in the sleep state
When testing ⎯E⎯O⎯C, if the conversion is complete (⎯E⎯O⎯C =
0), the device will exit sleep state. In order to return to the
sleep state and reduce the power consumption, ⎯C⎯S must
be pulled HIGH before the device pulls SCK HIGH. When
the device is using its own internal oscillator (FO is tied
LOW), the first rising edge of SCK occurs 12μs (tEOCTEST
= 12μs) after the falling edge of ⎯C⎯S. If FO is driven by an
external oscillator of frequency fEOSC, then tEOCTEST =
3.6/fEOSC.
If ⎯C⎯S remains LOW longer than tEOCTEST, the first rising
edge of SCK will occur and the conversion result is shifted
out the SDO pin on the falling edge of SCK. The serial
input word (SDI) is shifted into the device on the rising
edge of SCK.
After the 24th rising edge of SCK a new conversion au-
tomatically begins. SDO goes HIGH (⎯E⎯O⎯C = 1) and SCK
remains HIGH for the duration of the conversion cycle.
Once the conversion is complete, the cycle repeats.
10
μF
0.1
μF
2.7V TO 5.5V
Hi-Z
2496 F07
CS
SCK
(INTERNAL)
SDI
SDO
CONVERSION
SLEEP
DATA INPUT/OUTPUT
CONVERSION
VCC
FO
REF+
REF–
CH0
CH7
CH8
CH15
COM
SCK
SDI
SDO
CS
GND
28
35
29
30
8
15
16
23
7
38
37
1,3,4,5,6,31,32,33,39
36
34
REFERENCE
VOLTAGE
0.1V TO VCC
ANALOG
INPUTS
= EXTERNAL OSCILLATOR
= INTERNAL OSCILLATOR
LTC2496
4-WIRE
SPI INTERFACE
•
•
•
•
•
•
•
•
•
•
•
•
EOC
1
0
EN
SGL
A2
A1
A0
ODD
DON'T CARE
DON'T CARE
MSB
SIG
“0”
OPTIONAL
10k
VCC
<tEOCTEST
12
3
4
5
6
7
8
9
19
20
21
22
23
24
LSB
BIT 23
BIT 22 BIT 21 BIT 20 BIT 19 BIT 18 BIT 17 BIT 16 BIT 15
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com