Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2631 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2631
Description  Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2631 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2631 Datasheet HTML 17Page - Linear Technology LTC2631 Datasheet HTML 18Page - Linear Technology LTC2631 Datasheet HTML 19Page - Linear Technology LTC2631 Datasheet HTML 20Page - Linear Technology LTC2631 Datasheet HTML 21Page - Linear Technology LTC2631 Datasheet HTML 22Page - Linear Technology LTC2631 Datasheet HTML 23Page - Linear Technology LTC2631 Datasheet HTML 24Page - Linear Technology LTC2631 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC2631
21
2631fb
OPERATION
The LTC2631 is a family of single voltage-output DACs in
8-lead ThinSOT packages. Each DAC can operate rail-to-rail
using an external reference, or with its full-scale voltage
set by an integrated reference. Twelve combinations of
accuracy (12-, 10-, and 8-bit), power-on reset value (zero
or mid-scale), and full-scale voltage (2.5V or 4.096V) are
available. The LTC2631 is controlled using a 2-wire I2C
interface.
Power-On Reset
The LTC2631-HZ/LTC2631-LZ clear the output to zero-scale
when power is first applied, making system initialization
consistent and repeatable.
For some applications, downstream circuits are active
during DAC power-up, and may be sensitive to nonzero
outputs from the DAC during this time. The LTC2631
contains circuitry to reduce the power-on glitch: the analog
output typically rises less than 5mV above zero-scale
during power on if the power supply is ramped to 5V in
1ms or more. In general, the glitch amplitude decreases as
the power supply ramp time is increased. See “Power-On
Reset Glitch” in the Typical Performance Characteristics
section.
The LTC2631-HM/LTC2631-LM provide an alternative
reset, setting the output to mid-scale when power is first
applied.
Default reference mode selection is described in the Ref-
erence Modes section.
Power Supply Sequencing
The voltage at REF (Pin 6) should be kept within the range
– 0.3V ≤ VREF ≤ VCC + 0.3V (see Absolute Maximum Rat-
ings). Particular care should be taken to observe these
limits during power supply turn-on and turn-off sequences,
when the voltage at VCC (Pin 5) is in transition.
Transfer Function
The digital-to-analog transfer function is
V
OUT(IDEAL) =
k
2
N
⎛
⎝⎜
⎞
⎠⎟
V
REF
where k is the decimal equivalent of the binary DAC input
code, N is the resolution, and VREF is either 2.5V (LTC2631-
LM/LTC2631-LZ) or 4.096V (LTC2631-HM/LTC2631-HZ)
when in Internal Reference mode, and the voltage at REF
(Pin 6) when in External Reference mode.
I2C Serial Interface
The LTC2631 communicates with a host using the stan-
dard 2-wire I2C interface. The Timing Diagrams (Figures 1
and 2) show the timing relationship of the signals on the
bus. The two bus lines, SDA and SCL, must be high when
the bus is not in use. External pull-up resistors or current
sources are required on these lines. The value of these
pull-up resistors is dependent on the power supply and
can be obtained from the I2C specifications. For an I2C
bus operating in the fast mode, an active pull-up will be
necessary if the bus capacitance is greater than 200pF.
The LTC2631 is a receive-only (slave) device. The master
can write to the LTC2631. The LTC2631 does not respond
to a read from the master.
START (S) and STOP (P) Conditions
When the bus is not in use, both SCL and SDA must be
high. A bus master signals the beginning of a communi-
cation to a slave device by transmitting a START condition.
A START condition is generated by transitioning SDA from
high to low while SCL is high.
When the master has finished communicating with the
slave, it issues a STOP condition. A STOP condition is
generated by transitioning SDA from low to high while
SCL is high. The bus is then free for communication with
another I2C device.
Acknowledge
The Acknowledge signal is used for handshaking between
the master and the slave. An Acknowledge (active LOW)
generated by the slave lets the master know that the
latest byte of information was properly received. The
Acknowledge related clock pulse is generated by the
master. The master releases the SDA line (HIGH) during
the Acknowledge clock pulse. The slave-receiver must pull
down the SDA bus line during the Acknowledge clock pulse
so that it remains a stable LOW during the HIGH period
of this clock pulse. The LTC2631 responds to a write by a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com