Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2845 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2845
Description  3.3V Software-Selectable Multiprotocol Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2845 Datasheet(HTML) 2 Page - Linear Technology

  LTC2845 Datasheet HTML 1Page - Linear Technology LTC2845 Datasheet HTML 2Page - Linear Technology LTC2845 Datasheet HTML 3Page - Linear Technology LTC2845 Datasheet HTML 4Page - Linear Technology LTC2845 Datasheet HTML 5Page - Linear Technology LTC2845 Datasheet HTML 6Page - Linear Technology LTC2845 Datasheet HTML 7Page - Linear Technology LTC2845 Datasheet HTML 8Page - Linear Technology LTC2845 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC2845
sn2845 2845fs
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
(Note 1)
Supply Voltage
VCC ....................................................... –0.3V to 6.5V
VIN ..................................................................... –0.3V to 6.5V
VEE ...................................................................... –10V to 0.3V
VDD ..................................................................... – 0.3V to 10V
Input Voltage
Transmitters ........................... – 0.3V to (VCC + 0.3V)
Receivers ............................................... – 18V to 18V
Logic Pins .............................. – 0.3V to (VCC + 0.3V)
Output Voltage
Transmitters .................. (VEE – 0.3V) to (VDD + 0.3V)
Receivers ................................. – 0.3V to (VIN + 0.3V)
The q denotes specifications which apply over the full operating tempera-
ture range, otherwise specifications are at TA = 25°C. VCC = 5V, VIN = 3.3V, VDD = 8V, VEE = – 7V for V.28, – 5.5V for V.10, V.11
(Notes 2, 3)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supplies
ICC
VCC Supply Current (DCE Mode,
RS530, RS530-A, X.21 Modes, No Load
2.7
mA
All Digital Pins = GND or VIN)
RS530, RS530-A, X.21 Modes, Full Load
q
110
150
mA
V.28 Mode, No Load
q
13
mA
V.28 Mode, Full Load
q
13
mA
No-Cable Mode
q
700
1400
µA
Short-Circuit Duration
Transmitter Output ..................................... Indefinite
Receiver Output .......................................... Indefinite
VEE.................................................................. 30 sec
Operating Temperature Range
LTC2845C ............................................... 0
°C to 70°C
LTC2845I ........................................... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ORDER PART
NUMBER
LTC2845CG
LTC2845IG
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
TOP VIEW
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
VCC
VDD
D1
D2
D3
R1
R2
R3
D4
R4
M0
M1
M2
DCE/DTE
D4ENB
R4EN
R5
D5
VEE
GND
D1 A
D1 B
D2 A
D2 B
D3/R1 A
D3/R1 B
R2 A
R2 B
R3 A
R3 B
D4 A
R4 A
R5 A
D5 A
VIN
VCC
R1
D2
D1
D3
R3
G PACKAGE
36-LEAD PLASTIC SSOP
D5
R5
D4
R2
R4
TJMAX = 125°C, θJA = 90°C/ W, θJC = 35°C/ W
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ORDER PART
NUMBER
LTC2845CUHF
LTC2845IUHF
13 14 15 16
TOP VIEW
UHF PACKAGE
38-LEAD (7mm
× 5mm) PLASTIC QFN
17 18 19
38 37 36 35 34 33 32
24
25
26
27
28
29
30
31
8
7
6
5
4
3
2
1
D2
D3
R1
R2
R3
D4
R4
M0
M1
M2
NC
DCE/DTE
D1 B
D2 A
D2 B
D3/R1 A
D3/R1 B
R2 A
R2 B
R3 A
R3 B
D4 A
R4 A
R5 A
23
22
21
20
9
10
11
12
39
TJMAX = 125°C, θJA = 34°C/ W
EXPOSED PAD IS VEE (PIN 39)
MUST BE SOLDERED TO PCB
UHF PART
MARKING
2845
2845I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com