Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2856-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2856-1
Description  20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2856-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC2856-1 Datasheet HTML 1Page - Linear Technology LTC2856-1 Datasheet HTML 2Page - Linear Technology LTC2856-1 Datasheet HTML 3Page - Linear Technology LTC2856-1 Datasheet HTML 4Page - Linear Technology LTC2856-1 Datasheet HTML 5Page - Linear Technology LTC2856-1 Datasheet HTML 6Page - Linear Technology LTC2856-1 Datasheet HTML 7Page - Linear Technology LTC2856-1 Datasheet HTML 8Page - Linear Technology LTC2856-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC2856-1/LTC2856-2
LTC2857-1/LTC2857-2
LTC2858-1/LTC2858-2
2
285678fe
PACKAGE INFORMATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) ................................... –0.3V to 7V
Logic Input Voltages (RE, DE, DI) ................ –0.3V to 7V
Interface I/O (A, B, Y, Z) .................... (VCC – 15V) to 15V
Receiver Output Voltage (RO) ....... –0.3V to (VCC + 0.3V)
Operating Temperature Range (Note 4)
LTC285xC ................................................ 0°C to 70°C
LTC285xI.............................................. –40°C to 85°C
LTC285xH .......................................... –40°C to 125°C
(Note 1)
Storage Temperature Range
MSOP ................................................ –65°C to 150°C
DFN.................................................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MSOP ............................................................... 300°C
LTC2856
TOP VIEW
9
DD PACKAGE
8-LEAD (3mm
3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
RO
RE
DE
DI
VCC
B
A
GND
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
TJMAX = 150°C, θJA = 43°C/W, θJC = 3°C/W
1
2
3
4
RO
RE
DE
DI
8
7
6
5
VCC
B
A
GND
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 200°C/W, θJC = 40°C/W
LTC2857
TOP VIEW
9
DD PACKAGE
8-LEAD (3mm
3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
VCC
RO
DI
GND
A
B
Z
Y
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
TJMAX = 150°C, θJA = 43°C/W, θJC = 3°C/W
1
2
3
4
VCC
RO
DI
GND
8
7
6
5
A
B
Z
Y
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 200°C/W, θJC = 40°C/W
LTC2858
TOP VIEW
11
DD PACKAGE
10-LEAD (3mm
3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
VCC
A
B
Z
Y
RO
RE
DE
DI
GND
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
TJMAX = 150°C, θJA = 43°C/W, θJC = 3°C/W
1
2
3
4
5
RO
RE
DE
DI
GND
10
9
8
7
6
VCC
A
B
Z
Y
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 120°C/W, θJC = 45°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com