Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2902 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2902
Description  Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2902 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2902 Datasheet HTML 8Page - Linear Technology LTC2902 Datasheet HTML 9Page - Linear Technology LTC2902 Datasheet HTML 10Page - Linear Technology LTC2902 Datasheet HTML 11Page - Linear Technology LTC2902 Datasheet HTML 12Page - Linear Technology LTC2902 Datasheet HTML 13Page - Linear Technology LTC2902 Datasheet HTML 14Page - Linear Technology LTC2902 Datasheet HTML 15Page - Linear Technology LTC2902 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC2902
2902f
Quad Supply Monitor, 5% Tolerance
5V, 3V, 1.8V, 12V (ADJ)
TYPICAL APPLICATIO S
5V, –5V Monitor with Unused V2, V3 Inputs Pulled
Above Trip Thresholds (5% Tolerance)
COMP2
COMP4
V2
V4
VREF
VPG
GND
T1
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
COMP3
COMP1
V3
V1
CRT
RST
T0
RDIS
R4
121k
1%
R3
464k
1%
SYSTEM
RESET
–5V
5V
R2
86.6k
1%
R1
16.2k
1%
LTC2902
VTRIP = –4.64V
2902 TA03
CRT
COMP2
COMP4
V2
V4
VREF
VPG
GND
T1
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
COMP3
COMP1
V3
V1
CRT
RST
T0
RDIS
R3
2.15M
1%
SYSTEM
RESET
1.8V
3V
12V
5V
CRT
R4
100k
1%
LTC2902
VTRIP = 11.25V
2902 TA02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com