Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2902-2IGN Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2902-2IGN
Description  Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2902-2IGN Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2902-2IGN Datasheet HTML 3Page - Linear Technology LTC2902-2IGN Datasheet HTML 4Page - Linear Technology LTC2902-2IGN Datasheet HTML 5Page - Linear Technology LTC2902-2IGN Datasheet HTML 6Page - Linear Technology LTC2902-2IGN Datasheet HTML 7Page - Linear Technology LTC2902-2IGN Datasheet HTML 8Page - Linear Technology LTC2902-2IGN Datasheet HTML 9Page - Linear Technology LTC2902-2IGN Datasheet HTML 10Page - Linear Technology LTC2902-2IGN Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LTC2902
2902f
PI FU CTIO S
COMP3 (Pin 1): Comparator Output 3. Nondelayed, active
high logic output with weak pull-up to V2. Pulls high when
V3 is above reset threshold. May be pulled greater than V2
using external pull-up.
COMP1 (Pin 2): Comparator Output 1. Nondelayed, active
high logic output with weak pull-up to V2. Pulls high when
V1 is above reset threshold. May be pulled greater than V2
using external pull-up.
V3 (Pin 3): Voltage Input 3. Select from 2.5V, 1.8V, 1.5V
or ADJ. See Table 1 for details.
V1 (Pin 4): Voltage Input 1. Select from 5V or 3.3V. See
Table 1 for details. The greater of (V1, V2) is also VCC for
the chip. Bypass this pin to ground with a 0.1
µF (or
greater) capacitor.
CRT (Pin 5): Reset Delay Time Programming Pin. Attach
an external capacitor (CRT) to GND to set a reset delay time
of 4.6ms/nF. Leaving the pin open generates a minimum
delay of approximately 50
µs. A 47nF capacitor will gener-
ate a 216ms reset delay time.
TYPICAL PERFOR A CE CHARACTERISTICS
RST Pull-Up Current vs V2
(LTC2902-1)
RST Pull-Up Current vs V2
(LTC2902-2)
INPUT OVERDRIVE ABOVE THRESHOLD (mV)
250
200
V1, V2
V3, V4
150
2902 G22
0
100
50
1000
10
100
TA = 25°C
V2 (V)
2
0
4
8
12
2.5
3
3.5
4
2902 G23
4.5
16
20
2
6
10
14
18
5
TA = 25°C
VRT25
VRT30
VRT33
V2 (V)
2
0
2
4
5
2.5
3
3.5
4
2902 G24
4.5
1
3
6
5
TA = 25°C
VRT25
VRT30
VRT33
COMPX Propagation Delay vs
Input Overdrive Above Threshold
COMPX Pull-Up Current
vs V2 (COMPX Held at 0V)
V2 (V)
1
0
2
6
8
10
20
14
2
3
3.5
2902 G21
4
16
18
12
1.5
2.5
4
4.5
5
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com