Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2932 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2932
Description  Confi gurable Six Supply Monitor with Adjustable Reset Timer and Supply Tolerance
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2932 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2932 Datasheet HTML 8Page - Linear Technology LTC2932 Datasheet HTML 9Page - Linear Technology LTC2932 Datasheet HTML 10Page - Linear Technology LTC2932 Datasheet HTML 11Page - Linear Technology LTC2932 Datasheet HTML 12Page - Linear Technology LTC2932 Datasheet HTML 13Page - Linear Technology LTC2932 Datasheet HTML 14Page - Linear Technology LTC2932 Datasheet HTML 15Page - Linear Technology LTC2932 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC2932
13
2932fb
COMP1 COMP2 COMP3 COMP4 COMP5 COMP6
LTC2932
12V (9.6V THRESHOLD)
12V
SUPPLY
STATUS
DONE
2.5V
–5.2V
1.8V
3.3V
5V
2932 F06
365k
1%
487k
1%
5V
10k
10k
10k
0.1μF
tRST = 9.4ms
4.7nF
RDIS
T0
T1
VPG
GND
CRT
V1
V2
V3
V4
V5
V6
RST
VREF
SYSTEM
LOGIC
10k
LT3028
VIN
3.3V
VOUT
SHDN
LTM4600
VIN
VOUT
RUN
10k
LT3028
VIN
1.8V
VOUT
SHDN
10k
LTC3704
VIN
–5.2V
VOUT
RUN/UVLO
10k
LT3028
VIN
2.5V
VOUT
SHDN
100k
1%
121k
1%
1820k
1%
100k
1%
R1
16.2k
1%
R2
86.6k
1%
LTC2950-1
VIN
INT
PB
KILL
EN
APPLICATIONS INFORMATION
Figure 6. Five Supply 12.5% Tolerance Power-Up Sequencer with Pushbutton



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com