Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2852CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2852CS8
Description  3.3V 20Mbps RS485/RS422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2852CS8 Datasheet(HTML) 1 Page - Linear Technology

  LTC2852CS8 Datasheet HTML 1Page - Linear Technology LTC2852CS8 Datasheet HTML 2Page - Linear Technology LTC2852CS8 Datasheet HTML 3Page - Linear Technology LTC2852CS8 Datasheet HTML 4Page - Linear Technology LTC2852CS8 Datasheet HTML 5Page - Linear Technology LTC2852CS8 Datasheet HTML 6Page - Linear Technology LTC2852CS8 Datasheet HTML 7Page - Linear Technology LTC2852CS8 Datasheet HTML 8Page - Linear Technology LTC2852CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC2850/LTC2851/LTC2852
1
285012fc
TYPICAL APPLICATION
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
FEATURES
APPLICATIONS
DESCRIPTION
3.3V 20Mbps RS485/RS422
Transceivers
The LTC®2850, LTC2851, and LTC2852 are low power,
20Mbps RS485/RS422 transceivers operating on 3.3V
supplies. The receiver has a one-eighth unit load supporting
up to 256 nodes per bus (C, I-Grade), and a failsafe feature
that guarantees a high output state under conditions of
floating or shorted inputs.
The driver maintains a high output impedance over the
entire common mode range when disabled or when the
supply is removed. Excessive power dissipation caused by
bus contention or a fault is prevented by current limiting
all outputs and by thermal shutdown.
Enhanced ESD protection allows these parts to withstand
up to ±15kV (human body model) on the transceiver
interface pins without latchup or damage.
LTC2850 at 20Mbps Into 54Ω
n 3.3V Supply Voltage
n 20Mbps Maximum Data Rate
n No Damage or Latchup Up to ±15kV HBM
n High Input Impedance Supports 256 Nodes
(C, I-Grade)
n Operation Up to 125°C (H-Grade)
n Guaranteed Failsafe Receiver Operation Over the
Entire Common Mode Range
n Current Limited Drivers and Thermal Shutdown
n Delayed Micropower Shutdown: 5μA Maximum
(C, I-Grade)
n Power Up/Down Glitch-Free Driver Outputs
n Low Operating Current: 370μA Typical in Receive
Mode
n Compatible with TIA/EIA-485-A Specifications
n Available in 8-Pin and 10-Pin 3mm
× 3mm DFN,
8-Pin and 10-Pin MSOP, and 8-Pin and 14-Pin SO
Packages
n Low Power RS485/RS422 Transceiver
n Level Translator
n Backplane Transceiver
VCC1
GND1
R
RO1
RE1
DE1
DI1
D
RT
LTC2850
LTC2850
RT
285012 TA01a
VCC2
GND2
R
RO2
RE2
DE2
DI2
D
PART NUMBER
DUPLEX
PACKAGE
LTC2850
Half
SO-8, MSOP-8, DFN-8
LTC2851
Full
SO-8, MSOP-8, DFN-8
LTC2852
Full
SO-14, MSOP-10, DFN-10
20ns/DIV
2V/DIV
285012 TA01b
DI
A
B
A-B


Similar Part No. - LTC2852CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2852 LINER-LTC2852 Datasheet
340Kb / 18P
20Mbps RS485 Transceivers
LTC2852 LINER-LTC2852 Datasheet
1Mb / 18P
3.3V 20Mbps RS485/RS422 Transceivers
LTC2852 LINER-LTC2852 Datasheet
478Kb / 22P
짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
LTC2852 LINER-LTC2852 Datasheet
1Mb / 32P
짹60V Rugged PROFIBUS RS485 Transceivers
logo
Analog Devices
LTC2852 AD-LTC2852 Datasheet
478Kb / 22P
짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
More results

Similar Description - LTC2852CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2854 LINER-LTC2854 Datasheet
234Kb / 16P
3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2856-1 LINER-LTC2856-1 Datasheet
233Kb / 20P
20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2859 LINER-LTC2859_12 Datasheet
340Kb / 18P
20Mbps RS485 Transceivers
LTC2850 LINER-LTC2850_15 Datasheet
1Mb / 18P
3.3V 20Mbps RS485/RS422 Transceivers
LTC2851 LINER-LTC2851_15 Datasheet
1Mb / 18P
3.3V 20Mbps RS485/RS422 Transceivers
LTC2852 LINER-LTC2852_15 Datasheet
1Mb / 18P
3.3V 20Mbps RS485/RS422 Transceivers
LTC2854 LINER-LTC2854_15 Datasheet
227Kb / 16P
3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2855 LINER-LTC2855_15 Datasheet
227Kb / 16P
3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2856-1 LINER-LTC2856-1_15 Datasheet
332Kb / 20P
20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2857-2 LINER-LTC2857-2_15 Datasheet
332Kb / 20P
20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com