Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2950-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2950-1
Description  Push Button On/Off Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2950-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC2950-1 Datasheet HTML 1Page - Linear Technology LTC2950-1 Datasheet HTML 2Page - Linear Technology LTC2950-1 Datasheet HTML 3Page - Linear Technology LTC2950-1 Datasheet HTML 4Page - Linear Technology LTC2950-1 Datasheet HTML 5Page - Linear Technology LTC2950-1 Datasheet HTML 6Page - Linear Technology LTC2950-1 Datasheet HTML 7Page - Linear Technology LTC2950-1 Datasheet HTML 8Page - Linear Technology LTC2950-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC2950-1/LTC2950-2
2
295012fb
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VIN) ..................................– 0.3V to 33V
Input Voltages
PB............................................................– 6V to 33V
ONT ......................................................– 0.3V to 2.7V
OFFT......................................................– 0.3V to 2.7V
KILL.........................................................– 0.3V to 7V
Output Voltages
INT.........................................................– 0.3V to 10V
EN/EN ....................................................– 0.3V to 10V
(Note 1)
Operating Temperature Range
LTC2950-C1 .............................................. 0°C to 70°C
LTC2950-C2 .............................................. 0°C to 70°C
LTC2950-I1 .......................................... – 40°C to 85°C
LTC2950-I2 .......................................... – 40°C to 85°C
Storage Temperature Range
DFN Package..................................... – 65°C to 125°C
TSOT-23............................................ – 65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
TOP VIEW
DDB8 PACKAGE
8-LEAD (3mm
2mm) PLASTIC DFN
5
6
7
8
9
4
3
2
1
GND
ONT
PB
VIN
INT
EN/EN
OFFT
KILL
TJMAX = 125°C, θJA = 165°C/W
EXPOSED PAD (PIN 9) UNCONNECTED
VIN 1
PB 2
ONT 3
GND 4
8 KILL
7 OFFT
6 EN/EN
5 INT
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
TJMAX = 125°C, θJA = 140°C/W
PIN CONFIGURATION
ORDER INFORMATION
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2950CDDB-1#TRMPBF
LTC2950CDDB-1#TRPBF
LBKP
8-Lead Plastic DFN
0°C to 70°C
LTC2950CDDB-2#TRMPBF
LTC2950CDDB-2#TRPBF
LBNG
8-Lead Plastic DFN
0°C to 70°C
LTC295ICDDB-1#TRMPBF
LTC295ICDDB-1#TRPBF
LBKP
8-Lead Plastic DFN
–40°C to 85°C
LTC295ICDDB-2#TRMPBF
LTC295ICDDB-2#TRPBF
LBNG
8-Lead Plastic DFN
–40°C to 85°C
LTC2950CTS8-1#TRMPBF
LTC2950CTS8-1#TRPBF
LTBKN
8-Lead Plastic TSOT-23
0°C to 70°C
LTC2950CTS8-2#TRMPBF
LTC2950CTS8-2#TRPBF
LTBNF
8-Lead Plastic TSOT-23
0°C to 70°C
LTC2950ITS8-1#TRMPBF
LTC2950ITS8-1#TRPBF
LTBKN
8-Lead Plastic TSOT-23
–40°C to 85°C
LTC2950ITS8-2#TRMPBF
LTC2950ITS8-2#TRPBF
LTBNF
8-Lead Plastic TSOT-23
–40°C to 85°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com