Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2952 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2952
Description  Push Button PowerPathTM Controller with Supervisor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2952 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2952 Datasheet HTML 17Page - Linear Technology LTC2952 Datasheet HTML 18Page - Linear Technology LTC2952 Datasheet HTML 19Page - Linear Technology LTC2952 Datasheet HTML 20Page - Linear Technology LTC2952 Datasheet HTML 21Page - Linear Technology LTC2952 Datasheet HTML 22Page - Linear Technology LTC2952 Datasheet HTML 23Page - Linear Technology LTC2952 Datasheet HTML 24Page - Linear Technology LTC2952 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC2952
21
2952f
2952 F12
KILL
EN
INTERNAL
ON/OFF SIGNAL
tKILL, ON BLANKING
t8
t9
DON'T CARE
Figure 12.
⎯K⎯I⎯L⎯L Initiated Shutdown
wait time expires, the WDE pin transitions again (this time
from high to low) at t12, causing the 500ms timer to reset
again. Finally, the third 500ms timer which starts at t12
expires without any further extension at t13 causing the
EN pin to go low, shutting down the DC/DC converter.
Setting Up Different Configurations
The various configurations discussed previously are sum-
marized here in Table 2, including the ideal diode power
paths state (ID1-primary, ID2-secondary). Note that an
input above 0.515V (typical rising threshold) on the M1
and M2 pins is indicated with a 1 and an input below
0.500V (typical falling threshold) is represented by a 0.
Also, an enabled ideal diode driver is indicated with a 1
and a disabled driver is indicated with a 0.
Table 2. Mode Table
Mode Description
M1
M2
EN
ID1
ID2
0
Both Diodes Enabled
0
0
0
1
1
1
Both Diodes Enabled
0
0
1
1
1
2
Primary Diode Off, Secondary
Diode On
01001
3
Primary Diode Off, Secondary
Diode On
01101
4
Power Path Off, PB Overwrite
1
0
0
0
0
5
Transitional Power Path Off,
PB Overwrite
10111
6
Push-Button Power Path Off
1
1
0
0
0
7
Push-Button Power Path On
1
1
1
1
1
APPLICATIONS INFORMATION
Figure 13. Power-On/Power-Off Sequence with Extended Shutdown/Housekeeping Wait Time
2952 F13
KILL
EN
INTERNAL
ON/OFF SIGNAL
tKILL, ON BLANKING < tKILL, OFF WAIT
WDE
t10
t11
t12
t13
DON'T CARE
DON'T CARE
EXTENDED HOUSE KEEPING TIME
tKILL, OFF WAIT
tEN, LOCKOUT
< tKILL, OFF WAIT
⎯K⎯I⎯L⎯L Power Turn-Off During Normal Operation
Once the system has powered on and is operating nor-
mally, the system can turn off power by setting
⎯K⎯I⎯L⎯L low
as shown in the timing diagram in Figure 12. At t9, ⎯K⎯I⎯L⎯L
is set low and this immediately causes the LTC2952 to
pull EN low, turning off the DC/DC converter.
Extended Power During Turn-Off
In the shutdown process, the availability of power can be
extended by providing edges to the WDE pin during the
⎯K⎯I⎯L⎯L Off Wait time. The timing diagram in Figure 13 is
similar to the power-on/power-off sequence timing diagram
(Figure 10) except for the edges on the WDE pin during the
shutdown process. At time t10, the internal ON/OFF signal
transitions low. When this happens, the DC/DC converter
providing power to the system will be shut off in 500ms
unless the WDE pin is toggled.
When the WDE pin transitions at t11, the LTC2952 resets
the 500ms
⎯K⎯I⎯L⎯L Off Wait timer. Before this second 500ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com