Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3025-2 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3025-2
Description  500mA Micropower VLDO Linear Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3025-2 Datasheet(HTML) 2 Page - Linear Technology

  LTC3025-2 Datasheet HTML 1Page - Linear Technology LTC3025-2 Datasheet HTML 2Page - Linear Technology LTC3025-2 Datasheet HTML 3Page - Linear Technology LTC3025-2 Datasheet HTML 4Page - Linear Technology LTC3025-2 Datasheet HTML 5Page - Linear Technology LTC3025-2 Datasheet HTML 6Page - Linear Technology LTC3025-2 Datasheet HTML 7Page - Linear Technology LTC3025-2 Datasheet HTML 8Page - Linear Technology LTC3025-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC3025-1/LTC3025-2/
LTC3025-3/LTC3025-4
2
30251234fc
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VBIAS, VIN to GND......................................... –0.3V to 6V
SHDN to GND............................................... –0.3V to 6V
SENSE, ADJ to GND..................................... –0.3V to 6V
VOUT........................................–0.3V to VIN + 0.3V or 6V
Operating Junction Temperature Range
(Note 3).................................................. –40°C to 125°C
Storage Temperature Range................... –65°C to 125°C
Output Short-Circuit Duration .......................... Indefinite
(Notes 1, 2)
TOP VIEW
7
DC6 PACKAGE
6-LEAD (2mm × 2mm) PLASTIC DFN
4
5
6
3
2
1
BIAS
GND
IN
SHDN
ADJ/SENSE*
OUT
TJMAX = 125°C, θJA = 102°C/W, θJC = 20°C/W
EXPOSED PAD (PIN 7) IS GND, MUST BE SOLDERED TO PCB
*ADJ FOR LTC3025-1, SENSE FOR LTC3025-2, LTC3025-3, LTC3025-4
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3025EDC-1#PBF
LTC3025EDC-1#TRPBF
LDDW
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LTC3025IDC-1#PBF
LTC3025IDC-1#TRPBF
LDDW
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LTC3025EDC-2#PBF
LTC3025EDC-2#TRPBF
LDMK
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LTC3025IDC-2#PBF
LTC3025IDC-2#TRPBF
LDMK
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LTC3025EDC-3#PBF
LTC3025EDC-3#TRPBF
LDQS
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LTC3025IDC-3#PBF
LTC3025IDC-3#TRPBF
LDQS
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LTC3025EDC-4#PBF
LTC3025EDC-4#TRPBF
LDPQ
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LTC3025IDC-4#PBF
LTC3025IDC-4#TRPBF
LDPQ
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3025EDC-1
LTC3025EDC-1#TR
LDDW
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LTC3025IDC-1
LTC3025IDC-1#TR
LDDW
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LTC3025EDC-2
LTC3025EDC-2#TR
LDMK
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LTC3025IDC-2
LTC3025IDC-2#TR
LDMK
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LTC3025EDC-3
LTC3025EDC-3#TR
LDQS
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LTC3025IDC-3
LTC3025IDC-3#TR
LDQS
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LTC3025EDC-4
LTC3025EDC-4#TR
LDPQ
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LTC3025IDC-4
LTC3025IDC-4#TR
LDPQ
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operating Voltage (Note 4)
LTC3025-1
l
0.9
5.5
V
LTC3025-2
l
1.4
5.5
V
LTC3025-3
l
1.7
5.5
V
LTC3025-4
l
2.0
5.5
V
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 1.5V, VBIAS = 3.6V, COUT = 1μF, CIN = 0.1μF, CBIAS = 0.1μF
(all capacitors ceramic) unless otherwise noted.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com