Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3100 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3100
Description  1.5MHz Synchronous Dual Channel DC/DC Converter and 100mA LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3100 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3100 Datasheet HTML 16Page - Linear Technology LTC3100 Datasheet HTML 17Page - Linear Technology LTC3100 Datasheet HTML 18Page - Linear Technology LTC3100 Datasheet HTML 19Page - Linear Technology LTC3100 Datasheet HTML 20Page - Linear Technology LTC3100 Datasheet HTML 21Page - Linear Technology LTC3100 Datasheet HTML 22Page - Linear Technology LTC3100 Datasheet HTML 23Page - Linear Technology LTC3100 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC3100
21
3100fa
APPLICATIONS INFORMATION
LDO Output Capacitor Selection
The LDO is designed to be stable with a minimum 1μF
output capacitor. No series resistor is required when using
low ESR capacitors. For most applications, a 2.2μF ceramic
capacitor is recommended. Larger values will improve
transient response, and raise the power supply rejection
ratio (PSRR) of the LDO. Refer to the Typical Performance
Characteristics for the allowable range of output capacitor
to ensure loop stability.
LDO Output Voltage Programming
The output voltage is set by a resistive divider according
to the following formula:
VV
R
R
OUT =+
⎛
⎝⎜
⎞
⎠⎟
0 600
1
4
3
.•
The external divider is connected to the output as shown
in the Block Diagram. For improved transient response,
a feedforward capacitor may be placed in parallel with
resistor R4.
TYPICAL APPLICATIONS
Single-Cell Boost and Buck with Voltage Sequencing
Output Voltages During Soft-Start
for Sequenced Converter
SWBST
VINBK VBST
LTC3100
FBBST
L1
3.3μH
3.5V
R2
1M
R1
523k
C1
10μF
2
CIN
2.2μF
VLDO
VINBST
FBLDO
SWBK
PGBK
PGBST
R4
115k
R3
25.5k
VBATT
0.9V TO 1.5V
C2
2.2μF
FBBK
12
3
11
4
16
15
9
R6
1M
R5
1M
C3
10μF
MODE
RUNBST
RUNLDO
RUNBK
GND
16
13
14
10
8
15
2
7
FF EN_BURST
OFF ON
L2
3.3μH
+3.3V AT 50mA
V_I/O
120mA AT VBATT = 0.9V
220mA AT VBATT = 1.2V
V_CORE = 1.2V
BOOST_GOOD
BUCK_GOOD
R7
1M
R8
1M
+
3100 TA02b
1ms/DIV
VCORE, 1V/DIV
VBST, 1V/DIV
VI/O, 1V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com