Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3101 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3101
Description  Wide VIN, Multi-Output DC/DC Converter and PowerPath Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3101 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3101 Datasheet HTML 17Page - Linear Technology LTC3101 Datasheet HTML 18Page - Linear Technology LTC3101 Datasheet HTML 19Page - Linear Technology LTC3101 Datasheet HTML 20Page - Linear Technology LTC3101 Datasheet HTML 21Page - Linear Technology LTC3101 Datasheet HTML 22Page - Linear Technology LTC3101 Datasheet HTML 23Page - Linear Technology LTC3101 Datasheet HTML 24Page - Linear Technology LTC3101 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC3101
21
3101f
APPLICATIONS INFORMATION
The basic LTC3101 application circuit is shown as the
Typical Application on the front page of this data sheet.
The external component selection is dependent upon the
required performance of the IC in each particular appli-
cation given considerations and tradeoffs such as PCB
area, output voltages, output currents, ripple voltages
and efficiency. This section of the data sheet provides
some basic guidelines and considerations to aid in the
selection of external components and the design of the
application circuit.
CRS Capacitor Selection
A capacitor from the CRS pin to ground is used to pro-
gram the duration of the microprocessor reset signal on
the RESET pin. A low leakage ceramic capacitor should
be utilized to ensure reliable temperature independent
operation. At the start of the active-low reset pulse, a 1μA
(typical) current begins charging the CRS capacitor. The
RESET pulse ends when the voltage at the CRS pin reaches
1.20V (typical). Therefore, the required CRScapacitorvalue,
CRS, is given by the following equation where tRESET is the
desired reset duration in milliseconds:
C
t
μF
RS
RESET
=
()
1200
 
If the microprocessor reset function of the LTC3101 is
unused, the CRS pin can be left unconnected.
LDO Output Capacitance
The LDO has been specifically designed for stable opera-
tion with a wide range of output capacitors. For most ap-
plications, a low ESR ceramic capacitor of at least 4.7μF
should be utilized. Large valued supercapacitors can be
connected directly to the LDO output without requiring a
series isolation resistor for loop stability. However, if the
supercapacitor has significant ESR, it may be necessary
to place a small 4.7μF ceramic in parallel with the super-
capacitor to maintain an adequate phase margin.
MAX Capacitor Selection
The MAX output serves as the input to the LDO. There-
fore, even if the MAX output is unused directly in the
application, it is recommended that it be bypassed with
a 1μF or larger ceramic capacitor. There is no limit to the
maximum capacitance on this pin. However, the soft-start
duration is formed by the current-limited output charg-
ing the capacitance attached to the pin so larger output
capacitors will result in proportionally longer soft-start
durations.
Buck Inductor Selection
The choice of buck inductor value influences both the ef-
ficiency and the magnitude of the output voltage ripple.
Larger inductance values will reduce inductor current
ripple and will therefore lead to lower output voltage
ripple. For a fixed DC resistance, a larger value inductor
will yield higher efficiency by lowering the peak current to
be closer to the average output current. However, a larger
inductor within a given inductor family will generally have
a greater series resistance, thereby counteracting this
efficiency advantage.
Given a desired peak-to-peak current ripple,
ΔIL, the
required inductance can be calculated via the following
expression, where f represents the switching frequency
in MHz:
L
V
fI
V
V
μH
OUT
L
OUT
IN
=
⎛
⎝⎜
⎞
⎠⎟ ()
•
– 
Δ
1
A reasonable choice for ripple current is
ΔIL = 140mA
which represents 40% of the maximum 350mA load
current. The DC current rating of the inductor should be
at least equal to the maximum load current plus half the
ripple current in order to prevent core saturation and loss
of efficiency during operation. To optimize efficiency the
inductor should have a low DC resistance (DCR).
In particularly space-restricted applications it may be
advantageous to use a much smaller value inductor at
the expense of larger ripple current. In such cases, the
converter will operate in discontinuous conduction for a
wider range of output loads and efficiency will be reduced.
In addition, there is a minimum inductor value required
to maintain stability of the current loop as determined by
the fixed internal slope compensation. Specifically, if the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com