Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3205 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3205
Description  Multidisplay LED Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3205 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3205 Datasheet HTML 8Page - Linear Technology LTC3205 Datasheet HTML 9Page - Linear Technology LTC3205 Datasheet HTML 10Page - Linear Technology LTC3205 Datasheet HTML 11Page - Linear Technology LTC3205 Datasheet HTML 12Page - Linear Technology LTC3205 Datasheet HTML 13Page - Linear Technology LTC3205 Datasheet HTML 14Page - Linear Technology LTC3205 Datasheet HTML 15Page - Linear Technology LTC3205 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC3205
13
3205f
APPLICATIO S I FOR ATIO
LTC3205
IMS
14
13
24.9k
R1
3205 F11
VCNTRL
R2
IRGB
1.223V
R1||R2
VCNTRL
R2
–
ILED = 400
()
LTC3205
IMS
14
13
24.9k
38.3k
3205 F12
VDIG
0V TO 1.3V
OR HIGHER
71.5k
IRGB
Figure 11. Alternative Linear Brightness Control
Figure 12. Alternative Digital Brightness Control
LTC3205
IMS
14
13
3205 F13
PWM SIGNAL
0V TO 1.3V OR HIGHER
BRIGHTNESS = 1 – D
24.9k
24.9k
IRGB
Figure 13. PWM Brightness Control of the MAIN and SUB Displays
If the desired input voltage range is below the data shown
in Figure 9, and a precise control of the LED current is
desired, then a precision current source may be added to
either the IMS or IRGB pins as shown in Figure 10.
Thermal Management
For higher input voltages and maximum output current,
there can be substantial power dissipation in the LTC3205.
If the junction temperature increases above approximately
160
°C the thermal shutdown circuitry will automatically
deactivate the output. To reduce the maximum junction
temperature, a good thermal connection to the PC board
is recommended. Connecting the PGND pin (exposed
center pad) to a ground plane and maintaining a solid
ground plane under the device can reduce the thermal
resistance of the package and PC board considerably.
Brightness Control
Although the LTC3205 has three exponentially spaced
brightness settings for the main and sub displays, it is
possible to control the brightness by alternative means.
Figure 11 shows an example of how an external voltage
source can be use to inject a current into the IMS or IRGB
pins to control brightness. For example, if R1 and R2 are
50k, then the LED current would range from 20mA to 0mA
as VCNTRL is swept from 0V to 2.5V.
Alternatively, if only digital outputs are available, the
number of settings can be doubled from 3 to 6 by simply
connecting VCNTRL to a digital signal. With a 1.8V logic
supply, the circuit shown in Figure 12 has LED current
settings of 2.5mA, 5mA, 7.5mA, 10mA, 15mA and 20mA.
This topology can be extended to any number of bits and
can also be applied to the RGB panel.
Finally, PWM brightness control can be achieved by
applying a PWM signal to the IMS programming resistor as
shown in Figure 13. The signal should range from 0V (full
on) to any voltage above 1.3V (full off).
LTC3205
IMS
14
13
800
Ω
80k
10k
24.3k
1.8V
3205 F10
IRGB
–
+
Figure 10. Precision Reference Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com