Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3209-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3209-1
Description  600mA Main/Camera LED Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3209-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC3209-1 Datasheet HTML 1Page - Linear Technology LTC3209-1 Datasheet HTML 2Page - Linear Technology LTC3209-1 Datasheet HTML 3Page - Linear Technology LTC3209-1 Datasheet HTML 4Page - Linear Technology LTC3209-1 Datasheet HTML 5Page - Linear Technology LTC3209-1 Datasheet HTML 6Page - Linear Technology LTC3209-1 Datasheet HTML 7Page - Linear Technology LTC3209-1 Datasheet HTML 8Page - Linear Technology LTC3209-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC3209-1/LTC3209-2
2
320912fa
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VBAT1,2 = 3.6V, DVCC = 3V, RREF = 24.3k, C1 = C2 = C3 = C4 = 2.2µF,
unless otherwise noted.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
VBAT, DVCC, CPO to GND ............................... –0.3 to 6V
SDA, SCL, CAMHL ..................... –0.3V to (DVCC + 0.3V)
ICPO (Note 4)....................................................... 700mA
IMAIN1-6 (Note 5) ................................................... 31mA
IAUX (Note 5) ......................................................... 30mA
ELECTRICAL CHARACTERISTICS
ICAM1-2 (Note 5) .................................................. 250mA
ICAM (Note 5) ...................................................... 500mA
CPO, RREF Short-Circuit Duration ....................Indefinite
Operating Temperature Range (Note 2) .. –40
°C to 85°C
Storage Temperature Range ................. –65
°C to 125°C
ORDER PART NUMBER
UF PART MARKING
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC3209EUF-1
32091
21
SCL
SDA
CAMHL
CAM
DVCC
CPO
MAIN1
MAIN2
MAIN3
MAIN4
6789 10
20 19 18 17 16
15
14
12
11
13
4
3
2
1
5
UF PACKAGE
20-LEAD (4mm
× 4mm) PLASTIC QFN
TOP VIEW
TJMAX = 125°C, θJA = 40°C/W
EXPOSED PAD IS GND (PIN 21), MUST BE SOLDERED TO PCB
TJMAX = 125°C, θJA = 40°C/W
EXPOSED PAD IS GND (PIN 21), MUST BE SOLDERED TO PCB
21
SCL
SDA
CAMHL
CAM2
CAM1
CPO
MAIN1
MAIN2
MAIN3
MAIN4
6789 10
20 19 18 17 16
15
14
12
11
13
4
3
2
1
5
UF PACKAGE
20-LEAD (4mm
´ 4mm) PLASTIC QFN
TOP VIEW
ORDER PART NUMBER
UF PART MARKING
LTC3209EUF-2
32092
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VBAT Operating Voltage
●
2.9
4.5
V
IVBAT Operating Current
ICPO = 0, 1x Mode, LED Disabled
0.4
mA
ICPO = 0, 1.5x Mode
2.7
mA
ICPO = 0, 2x Mode
4.5
mA
VBAT UVLO Threshold
1.5
V
DVCC Operating Voltage
●
1.5
4.5
V
DVCC Operating Current
DVCC = 1.8V, Serial Port Idle
●
1
µA
DVCC UVLO Threshold
1V
VBAT Shutdown Current
DVCC = 3V
●
37
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com