Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3441 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3441
Description  High Current Micropower Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3441 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3441 Datasheet HTML 2Page - Linear Technology LTC3441 Datasheet HTML 3Page - Linear Technology LTC3441 Datasheet HTML 4Page - Linear Technology LTC3441 Datasheet HTML 5Page - Linear Technology LTC3441 Datasheet HTML 6Page - Linear Technology LTC3441 Datasheet HTML 7Page - Linear Technology LTC3441 Datasheet HTML 8Page - Linear Technology LTC3441 Datasheet HTML 9Page - Linear Technology LTC3441 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC3441
6
3441fa
BLOCK DIAGRA
–
+
–
+
–
+
9
10
PWM
LOGIC
AND
OUTPUT
PHASING
GATE
DRIVERS
AND
ANTICROSS
CONDUCTION
Burst Mode
OPERATION
CONTROL
5
μs DELAY
GND
UVLO
4A
2.4V
SLEEP
MODE/SYNC
1 = Burst Mode
OPERATION
0 = FIXED FREQUENCY
1MHz
OSC
SYNC
SUPPLY
CURRENT
LIMIT
SW A
SW1
PVIN
VIN
VCC
INTERNAL
SW2
VIN
2.4V TO 5.5V
SW D
ISENSE
AMP
ERROR
AMP
1.22V
CLAMP
REVERSE
CURRENT
LIMIT
SW B
3.2A
AVERAGE
CURRENT LIMIT
SW C
PGND
–0.8A
7
2
1
+
4
5
PGND
6
VOUT
8
FB
12
VC
11
SHDN/SS
SHUTDOWN
RSS
VIN
R2
CSS
R1
3440 BD
VOUT
2.4V TO 5.25V
PWM
COMPARATORS
–
+
1
100
gm =
k
THERMAL
SHUTDOWN
÷2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com