Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3445 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3445
Description  I2C Controllable Buck Regulator with Two LDOs in a 4mm 횞 4mm QFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3445 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3445 Datasheet HTML 9Page - Linear Technology LTC3445 Datasheet HTML 10Page - Linear Technology LTC3445 Datasheet HTML 11Page - Linear Technology LTC3445 Datasheet HTML 12Page - Linear Technology LTC3445 Datasheet HTML 13Page - Linear Technology LTC3445 Datasheet HTML 14Page - Linear Technology LTC3445 Datasheet HTML 15Page - Linear Technology LTC3445 Datasheet HTML 16Page - Linear Technology LTC3445 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
LTC3445
3445fa
micro-steps. The table below shows the register settings
and corresponding slew rates.
REG1 [1:0]
SLEW RATE (mV/
µs)
00
11.3
01
7.5
10
3.8
11
0.9
It should be noted that during DAC transistions, PGOOD
fault reporting is disabled.
LDO OPERATION
Adjustable Operation
The LTC3445 contains two 50mA LDOs with an output
voltage range of 0.6V to (VCC2 – 0.3V). The output voltage
is set by the ratio of two external resistors as shown in
Figure 1. Each LDO servos the output voltage (Pin LDOx)
in order to maintain a feedback voltage (Pin LDOxFB) of
0.6V. The current in R1 and R2 is then equal to 0.6V/R2.
The regulated voltage is equal to:
VOUT = (0.6V/R2) • (R1+R2)
Frequency Compensation
The LT3445 is frequency compensated by an internal
dominant pole. An output capacitor of 2
µF to 10µF is
usually large enough to provide good stability. In order to
insure stability, a feedforward capacitor may be needed
between the output pin and the feedback pin. This cancels
the pole formed by the stray capacitance in large value
feedback resistors. Also, a feedback capacitor minimizes
noise pickup and improves ripple rejection.
PowerPath OPERATION
The output of the PowerPath (VCC BATT) is controlled by
a combination of three inputs: main battery (VCC1), VTRACK,
and VBACKUP.
OPERATIO (refer to Figure 1)
SPR = 00 (Spread Spectrum OFF)
NOISE
10dBm/DIV
SPR = 01
NOISE
10dBm/DIV
START FREQ: 100kHz, RBW: 10kHz, STOP FREQ: 30MHz
START FREQ: 100kHz, RBW: 10kHz, STOP FREQ: 30MHz
SPR = 10
NOISE
10dBm/DIV
SPR = 11
NOISE
10dBm/DIV
START FREQ: 100kHz, RBW: 10kHz, STOP FREQ: 30MHz
START FREQ: 100kHz, RBW: 10kHz, STOP FREQ: 30MHz
Figure 4. LTC3445 Output Noise Spectrum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com