Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3446 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3446
Description  Monolithic Buck Regulator with Dual VLDO Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3446 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3446 Datasheet HTML 9Page - Linear Technology LTC3446 Datasheet HTML 10Page - Linear Technology LTC3446 Datasheet HTML 11Page - Linear Technology LTC3446 Datasheet HTML 12Page - Linear Technology LTC3446 Datasheet HTML 13Page - Linear Technology LTC3446 Datasheet HTML 14Page - Linear Technology LTC3446 Datasheet HTML 15Page - Linear Technology LTC3446 Datasheet HTML 16Page - Linear Technology LTC3446 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC3446
13
3446fd
APPLICATIONS INFORMATION
Inductor Core Selection
Different core materials and shapes will change the
size/current and price/current relationship of an induc-
tor. Toroid or shielded pot cores in ferrite or permalloy
materials are small and don’t radiate much energy, but
generally cost more than powdered iron core inductors
with similar electrical characteristics. The choice of which
style inductor to use often depends more on the price vs
size requirements and any radiated field/EMI requirements
than on what the LTC3446 requires to operate. Table 1
shows some typical surface mount inductors that work
well in LTC3446 applications.
Table 1. Representative Surface Mount Inductors
MANU-
FACTURER PART NUMBER
VALUE
MAX DC
CURRENT
DCR
HEIGHT
Toko
A914BYW-2R2M-
D52LC
2.2μH
2.05A
49mΩ
2mm
Toko
A915AY-2ROM-
D53LC
2μH
3.3A
22mΩ
3mm
Coilcraft
D01608C-222
2.2μH
2.3A
70mΩ
3mm
Coilcraft
LP01704-222M
2.2μH
2.4A
120mΩ
1mm
Sumida
CDRH4D282R2
2.2μH
2.04A
23mΩ
3mm
Sumida
CDC5D232R2
2.2μH
2.16A
30mΩ
2.5mm
Taiyo
Yuden
N06DB2R2M
2.2μH
3.2A
29mΩ
3.2mm
Taiyo
Yuden
N05DB2R2M
2.2μH
2.9A
32mΩ
2.8mm
Murata
LQN6C2R2M04
2.2μH
3.2A
24mΩ
5mm
Würth
744042001
1μH
2.6A
20mΩ
2mm
Catch Diode Selection
Although unnecessary in most applications, a small
improvement in efficiency can be obtained in a few ap-
plications by including the optional diode D1 shown in
Figure 1, which conducts when the synchronous switch
is off. When using Burst Mode operation or pulse skip
mode, the synchronous switch is turned off at a low current
and the remaining current will be carried by the optional
diode. It is important to adequately specify the diode peak
current and average power dissipation so as not to exceed
the diode ratings. The main problem with Schottky diodes
is that their parasitic capacitance reduces the efficiency,
usually negating the possible benefits for LTC3446 circuits.
Another problem that a Schottky diode can introduce is
higher leakage current at high temperatures, which could
reduce the low current efficiency.
Remember to keep lead lengths short and observe proper
grounding to avoid ringing and increased dissipation when
using a catch diode.
Input Capacitor (CIN) Selection
In continuous mode, the input current of the converter is a
square wave with a duty cycle of approximately VOUTB/VIN.
To prevent large voltage transients, a low equivalent series
resistance (ESR) input capacitor sized for the maximum
RMS current must be used. The maximum RMS capacitor
current is given by:
IRMS IMAX
VOUTB(VIN VOUTB)
VIN
where the maximum average output current IMAX equals
the peak current minus half the peak-to-peak ripple cur-
rent, IMAX = IMAXP – ΔIL/2.
This formula has a maximum at VIN = 2VOUTB, where IRMS
= IOUT/2. This simple worst case is commonly used to
design because even significant deviations do not offer
much relief. Note that capacitor manufacturer’s ripple cur-
rent ratings are often based on only 2000 hours lifetime.
This makes it advisable to further derate the capacitor,
or choose a capacitor rated at a higher temperature than
required. Several capacitors may also be paralleled to meet
the size or height requirements of the design. An additional
0.1μF to 1μF ceramic capacitor is also recommended on
VIN for high frequency decoupling, when not using an all
ceramic capacitor solution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com