Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3452EUF Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3452EUF
Description  Synchronous Buck-Boost MAIN/CAMERA White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3452EUF Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3452EUF Datasheet HTML 8Page - Linear Technology LTC3452EUF Datasheet HTML 9Page - Linear Technology LTC3452EUF Datasheet HTML 10Page - Linear Technology LTC3452EUF Datasheet HTML 11Page - Linear Technology LTC3452EUF Datasheet HTML 12Page - Linear Technology LTC3452EUF Datasheet HTML 13Page - Linear Technology LTC3452EUF Datasheet HTML 14Page - Linear Technology LTC3452EUF Datasheet HTML 15Page - Linear Technology LTC3452EUF Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC3452
3452f
Although the LTC3452 can safely provide this current
continuously, the external LED(s) may not be rated for this
high a level of continuous current. Higher current levels in
a single LED are generally reserved for pulsed applica-
tions, such as LED camera flash. This is accomplished by
programming a high current with one or both of the RISET
resistors and pulsing the appropriate enable pin or pins as
shown in the back page application.
Varying LED Brightness Linearly
Continuously variable LED brightness control can be
achieved by interfacing directly to one or both of the ISET
pins. Figure 3 shows four such methods employing a
voltage DAC, a current DAC, a simple potentiometer or a
PWM input applied to the ISETL pin for controlling the low
power bank LED currents. These four techniques can be
similarly applied to the ISETH pin for controlling the high
power bank LED currents.
APPLICATIO S I FOR ATIO
VOUT
(3d)
1
µF
VPWM
fPWM ≥ 10kHz
DVCC
RSET ≥ RMINL
RSET
100
VIN
RSET ≥ RMINL
3452 F03
ILED = 256
0.8V – VPWM
RSET
= 256
0.8V – (DC% • VDVCC)
RSET
VOUT
(3c)
RMINL
VIN
RPOT
ILED = 256
0.8V
RMINL + RPOT
VOUT
(3b)
VIN
ILED = 256 • IDAC
IDAC
≤
0.8V
RMINL
(3a)
ILED = 256
0.8V – VDAC
RSET
CURRENT
DAC
VOUT
VIN
LEDL1
LEDL5
LTC3452
ENL
ISETL
LEDL1
LEDL5
LTC3452
ENL
ISETL
LEDL1
LEDL5
LTC3452
ENL
ISETL
LEDL1
LEDL5
LTC3452
ENL
ISETL
VDAC
VOLTAGE
DAC
Figure 3. Additional Brightness Control Methods: (3a) Using Voltage DAC,
(3b) Using Current DAC, (3c) Using Potentiometer, (3d) Using PWM Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com