Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3541-3 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3541-3
Description  High Efficiency Buck VLDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3541-3 Datasheet(HTML) 2 Page - Linear Technology

  LTC3541-3 Datasheet HTML 1Page - Linear Technology LTC3541-3 Datasheet HTML 2Page - Linear Technology LTC3541-3 Datasheet HTML 3Page - Linear Technology LTC3541-3 Datasheet HTML 4Page - Linear Technology LTC3541-3 Datasheet HTML 5Page - Linear Technology LTC3541-3 Datasheet HTML 6Page - Linear Technology LTC3541-3 Datasheet HTML 7Page - Linear Technology LTC3541-3 Datasheet HTML 8Page - Linear Technology LTC3541-3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC3541-3

35413fc
SupplyVoltages:
VIN,LVIN.................................................. –0.3Vto6V
LVIN–VIN..........................................................<0.3V
PinVoltages:
ENVLDO,ENBUCK,MODE,SW......–0.3VtoVIN+0.3V
LinearRegulatorIOUT(MAX)(100ms)(Note9)......100mA
OperatingAmbientTemperatureRange
(Note2).................................................... –40°Cto85°C
JunctionTemperature(Notes5,10)...................... 125°C
StorageTemperatureRange................... –65°Cto125°C
(Note 1)
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V unless otherwise specified (Notes 2, 3).
ELECTRICAL CHARACTERISTICS
ABSOLUTE AXI U RATI GS
PACKAGE/ORDER I FOR ATIO
TOP VIEW
11
DD PAcKAGE
10-LEAD (3mm
× 3mm) PLASTIc DFN
10
9
6
7
8
4
5
3
2
1
SW
ENVLDO
MODE
GND
LVIN
VIN
ENBUcK
VOUT
Nc
LVOUT
TJMAX=125°C,θJA=43°C/W
EXPOSEDPAD(PIN11)ISPGND,MUSTBESOLDEREDTOPCB
ORDERPARTNUMBER
DDPARTMARKING
LTC3541EDD-3
LCHR
Order OptionsTapeandReel:Add#TR
LeadFree:Add#PBFLeadFreeTapeandReel:Add#TRPBF
LeadFreePartMarking:http://www.linear.com/leadfree/
ConsultLTCMarketingforpartsspecifiedwithwideroperatingtemperatureranges.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IPK
PeakInductorCurrent
VIN=4.2V(Note8)
0.8
0.95
1.25
A
VIN
InputVoltageRange
(Note4)
●
2.7
5.5
V
VIN(LINEREG) BuckVINLineRegulation
VIN=2.7Vto5.5V,ENBUCK=VIN,
ENVLDO=0V,MODE=VIN(Note6)
●
0.04
0.4
%/V
VLDOVINLineRegulation
(ReferredtoLVOUT)
VIN=3Vto5.5V,LVOUT=1.575V,ENBUCK=VIN,
ENVLDO=VIN,MODE=0V,IOUT(VLDO)=100mA
2.2
mV/V
LinearRegulatorVINLine
Regulation(ReferredtoLVOUT)
VIN=3Vto5.5V,LVOUT=1.575V,ENBUCK=0V,
ENVLDO=VIN,IOUT(LDO)=10mA
2.2
mV/V
LVIN(LINEREG) LVINLineRegulation
(ReferredtoLVOUT)
LVIN=1.675Vto5.5V,VIN=5.5V,LVOUT=1.575V,
ENBUCK=VIN,ENVLDO=VIN,MODE=VIN,
IOUT(VLDO)=100mA
0.8
mV/V
VLDODO
LVIN–LVOUTDropoutVoltage LVOUT=1.575V,ENBUCK=VIN,ENVLDO=VIN,
MODE=VIN,IOUT(VLDO)=50mA(Note9)
20
50
mV
VLOADREG
BuckOutputLoadRegulation
ENBUCK=VIN,ENVLDO=0V,MODE=VIN(Note6)
0.5
%
VLDOOutputLoadRegulation IOUT(VLDO)=1mA–300mA,LVIN=1.8V,LVOUT=1.575V,
ENBUCK=VIN,ENVLDO=VIN,MODE=VIN
●
0.25
0.5
%
LinearRegulatorOutputLoad
Regulation
IOUT(LDO)=1mA–30mA,LVOUT=1.575V,
ENBUCK=0V,ENVLDO=VIN
●
0.25
0.5
%
VVOUT
ReferenceRegulationVoltage
(Note6)
ENBUCK=VIN,ENVLDO=0V,TA=25°C
1.764
1.8
1.836
V
ENBUCK=VIN,ENVLDO=0V,0°C≤TA≤85°C
1.760
1.8
1.840
V
ENBUCK=VIN,ENVLDO=0V,–40°C≤TA≤85°C
●
1.755
1.8
1.845
V
VLVOUT
ReferenceRegulationVoltage
(Note7)
ENBUCK=0V,ENVLDO=VIN,TA=25°C
1.543
1.575
1.607
V
ENBUCK=0V,ENVLDO=VIN,0°C≤TA≤85°C
1.540
1.575
1.610
V
ENBUCK=0V,ENVLDO=VIN,–40°C≤TA≤85°C
●
1.536
1.575
1.614
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com