Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3544B Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3544B
Description  Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3544B Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3544B Datasheet HTML 7Page - Linear Technology LTC3544B Datasheet HTML 8Page - Linear Technology LTC3544B Datasheet HTML 9Page - Linear Technology LTC3544B Datasheet HTML 10Page - Linear Technology LTC3544B Datasheet HTML 11Page - Linear Technology LTC3544B Datasheet HTML 12Page - Linear Technology LTC3544B Datasheet HTML 13Page - Linear Technology LTC3544B Datasheet HTML 14Page - Linear Technology LTC3544B Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC3544B
11
3544bfa
proportional to frequency. Both the DC bias and gate charge
losses are proportional to PVIN and thus their effects will
be more pronounced at higher supply voltages.
2. I2R losses are calculated from the resistances of the
internal switches, RSW, and external inductor RL. In con-
tinuous mode, the average output current flowing through
inductor L is “chopped” between the main switch and the
synchronous switch. Thus, the series resistance looking
into the SW pin is a function of both top and bottom
MOSFET RDS(ON) and the duty cycle (DC) as follows:
RSW = (RDS(ON)TOP)(DC) + (RDS(ON)BOT)(1 – DC)
The RDS(ON) for both the top and bottom MOSFETs can
be obtained from the Typical Performance Characteristics
curves. Thus, to obtain I2R losses, simply add RSW to
RL and multiply the result by the square of the average
output current.
Other losses when in switching operation, including CIN
and COUT ESR dissipative losses and inductor core losses,
generally account for less than 2% total additional loss.
Thermal Considerations
The LTC3544B requires the package backplane metal to be
well soldered to the PC board. This gives the QFN package
exceptional thermal properties, making it difficult in normal
operation to exceed the maximum junction temperature
of the part. In most applications the LTC3544B does not
dissipate much heat due to its high efficiency. In applica-
tions where the LTC3544B is running at high ambient
temperature with low supply voltage and high duty cycles,
such as in dropout, the heat dissipated may exceed the
maximum junction temperature of the part if it is not well
thermally grounded. If the junction temperature reaches
approximately 150°C, the power switches will be turned
off and the SW nodes will become high impedance.
To avoid the LTC3544B from exceeding the maximum junc-
tion temperature, the user will need to do some thermal
analysis. The goal of the thermal analysis is to determine
whether the power dissipated exceeds the maximum
junction temperature of the part. The temperature rise is
given by:
TR = PD • θJA
where PD is the power dissipated by the regulator and θJA
is the thermal resistance from the junction of the die to
the ambient temperature.
The junction temperature, TJ, is given by:
TJ = TA + TR
where TA is the ambient temperature.
As an example, consider the LTC3544B in dropout at an
input voltage of 2.5V, a total load current (all four regula-
tors) of 800mA and an ambient temperature of 85°C. From
the Typical Performance graphs of switch resistance, the
RDS(ON) of the 300mA P-channel switch at 85°C can be
estimated as 0.67Ω. Therefore, power dissipated by the
300mA channel is:
PD = ILOAD2 • RDS(ON) = 60mW
Similar analysis on the other channels gives a total power
dissipation of 138mW. For the 3mm × 3mm QFN package,
the θJA is 68°C/W. Thus, the junction temperature of the
regulator is:
TJ = 85°C + (0.138)(68) = 94.4°C
which is well below the maximum junction temperature
of 125°C.
Note that at higher supply voltages, the junction tempera-
ture is lower due to reduced switch resistance RDS(ON).
Checking Transient Response
The regulator loop response can be checked by looking
at the load transient response. Switching regulators take
several cycles to respond to a step in load current. When
a load step occurs, VOUT immediately shifts by an amount
equal to (ΔILOAD • ESR), where ESR is the effective series
resistance of COUT. ΔILOAD also begins to charge or dis-
charge COUT, which generates a feedback error signal. The
regulator loop then acts to return VOUT to its steady-state
value. During this recovery time VOUT can be monitored
for overshoot or ringing that would indicate a stability
problem. For a detailed explanation of switching control
loop theory, see Application Note 76.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com