Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3548-2 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3548-2
Description  Dual Synchronous, Fixed/Adjustable Output, 2.25MHz Step-Down DC/DC Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3548-2 Datasheet(HTML) 2 Page - Linear Technology

  LTC3548-2 Datasheet HTML 1Page - Linear Technology LTC3548-2 Datasheet HTML 2Page - Linear Technology LTC3548-2 Datasheet HTML 3Page - Linear Technology LTC3548-2 Datasheet HTML 4Page - Linear Technology LTC3548-2 Datasheet HTML 5Page - Linear Technology LTC3548-2 Datasheet HTML 6Page - Linear Technology LTC3548-2 Datasheet HTML 7Page - Linear Technology LTC3548-2 Datasheet HTML 8Page - Linear Technology LTC3548-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3548-2
2
35482fa
VIN Voltages.................................................– 0.3V to 6V
VOUT1, VFB2 Voltages ...................... – 0.3V to VIN + 0.3V
RUN1, RUN2 Voltages ................................ – 0.3V to VIN
MODE/SYNC Voltage ...................... – 0.3V to VIN + 0.3V
SW1, SW2 Voltage ......................... – 0.3V to VIN + 0.3V
POR Voltage ................................................– 0.3V to 6V
Ambient Operating Temperature Range
(Note 2) .................................................. – 40
°C to 85°C
Junction Temperature (Note 5) ............................. 125
°C
Storage Temperature Range ................. – 65
°C to 125°C
ABSOLUTE
AXI U
RATI GS
(Note 1)
ORDER PART NUMBER
DD PART MARKING
TJMAX = 125°C, θJA = 40°C/W, θJC = 3°C/W (4-LAYER BOARD)
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB GND
LCDK
LTC3548EDD-2
PACKAGE/ORDER I FOR ATIO
Consult LTC Marketing for parts specified with wider operating temperature ranges.
TOP VIEW
DD PACKAGE
10-LEAD (3mm
× 3mm) PLASTIC DFN
10
11
9
6
7
8
4
5
3
2
1
VFB2
RUN2
POR
SW2
MODE/
SYNC
VOUT1
RUN1
VIN
SW1
GND
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, unless otherwise specified. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Operating Voltage Range
●
2.5
5.5
V
IFB2
Feedback Pin Input Current
●
30
nA
VFB2
Feedback Voltage of Channel 2 (Note 3)
0
°C ≤ TA ≤ 85°C
0.588
0.6
0.612
V
–40
°C ≤ TA ≤ 85°C
●
0.585
0.6
0.612
V
VOUT1
Output Voltage of Channel 1 (Note 3)
0
°C ≤ TA ≤ 85°C
1.764
1.8
1.836
V
–40
°C ≤ TA ≤ 85°C
●
1.755
1.8
1.836
V
∆VLINE REG
Reference Voltage Line Regulation
VIN = 2.5V to 5.5V (Note 3)
0.3
0.5
%/V
∆VLOAD REG
Output Voltage Load Regulation
(Note 3)
0.5
%
IS
Input DC Supply Current (Note 4)
Active Mode
VOUT1 = 1.5V, VFB2 = 0.5V
700
950
µA
Sleep Mode
VOUT1 = 1.9V, VFB2 = 0.63V, MODE/SYNC = 3.6V
40
60
µA
Shutdown
RUN = 0V, VIN = 5.5V, MODE/SYNC = 0V
0.1
1
µA
fOSC
Oscillator Frequency
VOUT1 = 1.8V, VFB2 = 0.6V
●
1.8
2.25
2.7
MHz
fSYNC
Synchronization Frequency
2.25
MHz
ILIM
Peak Switch Current Limit Channel 1
VIN = 3V, Duty Cycle <35%
0.95
1.2
1.6
A
Peak Switch Current Limit Channel 2
VIN = 3V, VFB2 = 0.5V, Duty Cycle <35%
0.6
0.7
0.9
A
RDS(ON)
Top Switch On-Resistance
(Note 6)
0.35
0.45
Ω
Bottom Switch On-Resistance
(Note 6)
0.30
0.45
Ω
ISW(LKG)
Switch Leakage Current
VIN = 5V, VRUN = 0V, VFB2 = 0V, VOUT1 = 0V
0.01
1
µA
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com