Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3550-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3550-1
Description  Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3550-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC3550-1 Datasheet HTML 1Page - Linear Technology LTC3550-1 Datasheet HTML 2Page - Linear Technology LTC3550-1 Datasheet HTML 3Page - Linear Technology LTC3550-1 Datasheet HTML 4Page - Linear Technology LTC3550-1 Datasheet HTML 5Page - Linear Technology LTC3550-1 Datasheet HTML 6Page - Linear Technology LTC3550-1 Datasheet HTML 7Page - Linear Technology LTC3550-1 Datasheet HTML 8Page - Linear Technology LTC3550-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC3550-1
2
35501f
DCIN, USBIN.............................................. –0.3V to 10V
ENABLE,
⎯C⎯H⎯R⎯G, ⎯P⎯W⎯R, USBPWR ............... –0.3V to 10V
BAT, IDC, IUSB, ITERM ................................ –0.3V to 7V
VCC............................................................... –0.3V to 6V
RUN, VOUT ..................................................–0.3V to VCC
SW (DC)........................................ –0.3V to (VCC + 0.3V)
DCIN Pin Current (Note 2) ..........................................1A
USBIN Pin Current (Note 2) .................................700mA
BAT Pin Current (Note 2) ............................................1A
P-Channel SW Source Current (DC).....................800mA
N-Channel SW Source Current (DC) ....................800mA
Peak SW Sink and Source Current ...........................1.3A
Operating Temperature Range (Note 3) ... –40°C to 85°C
Maximum Junction Temperature .......................... 125°C
Storage Temperature Range................... –65°C to 125°C
(Note 1)
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDCIN = 5V, VUSBIN = 5V, VCC = 3.6V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDCIN
Wall Adapter Input Supply Voltage
●
4.3
8
V
VUSBIN
USB Port Input Supply Voltage
●
4.3
8
V
VCC
Buck Regulator Input Supply Voltage
●
2.5
5.5
V
VENABLE
ENABLE Input Threshold Voltage
0.4
0.7
1.0
V
RENABLE
ENABLE Pulldown Resistance
1.2
2
5
MΩ
VRUN
RUN Threshold Voltage
●
0.3
1
1.5
V
IRUN
RUN Leakage Current
●
±0.01
±1
µA
V⎯C⎯H⎯R⎯G
⎯C⎯H⎯R⎯G Output Low Voltage
I⎯C⎯H⎯R⎯G = 5mA
0.35
0.6
V
V⎯P⎯W⎯R
⎯P⎯W⎯R Output Low Voltage
I⎯P⎯W⎯R = 5mA
0.35
0.6
V
VUSBPWR
USBPWR Output Low Voltage
IUSBPWR = 200µA
0.35
0.6
V
VUVDC
DCIN Undervoltage Lockout Voltage
From Low to High
Hysteresis
4.0
4.15
200
4.3
V
mV
VUVUSB
USBIN Undervoltage Lockout Voltage
From Low to High
Hysteresis
3.8
3.95
200
4.1
V
mV
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
16
15
14
13
12
11
10
9
17
1
2
3
4
5
6
7
8
DCIN
BAT
IDC
USBPWR
ENABLE
RUN
SW
GND
USBIN
IUSB
ITERM
PWR
CHRG
VOUT
VCC
GND
TOP VIEW
DHC PACKAGE
16-LEAD (5mm
× 3mm) PLASTIC DFN
TJMAX = 125°C, θJA = 40°C (Note 4)
EXPOSED PAD IS GROUND (PIN 17)
MUST BE SOLDERED TO PCB
ORDER PART NUMBER
PART MARKING
LTC3550EDHC-1
35501
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com