Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3576-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3576-1
Description  Switching Power Manager with USB On-the-Go Triple Step-Down DC/DCs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3576-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC3576-1 Datasheet HTML 1Page - Linear Technology LTC3576-1 Datasheet HTML 2Page - Linear Technology LTC3576-1 Datasheet HTML 3Page - Linear Technology LTC3576-1 Datasheet HTML 4Page - Linear Technology LTC3576-1 Datasheet HTML 5Page - Linear Technology LTC3576-1 Datasheet HTML 6Page - Linear Technology LTC3576-1 Datasheet HTML 7Page - Linear Technology LTC3576-1 Datasheet HTML 8Page - Linear Technology LTC3576-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
LTC3576/LTC3576-1
2
3576f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VBUS, WALL (Transient) t < 1ms,
Duty Cycle < 1% .......................................... –0.3V to 7V
VBUS, WALL (Static), BAT, VIN1, VIN2, VIN3,
VOUT, ENOTG, NTC, SDA, SCL, DVCC,
RST3, CHRG ................................................ –0.3V to 6V
ILIM0, IILIM1 .........–0.3V to Max(VBUS, VOUT, BAT) + 0.3V
EN1, EN2, EN3 ...............................–0.3V to VOUT + 0.3V
FBx (x = 1, 2, 3) ..............................–0.3V to VINx + 0.3V
IOVSENS...................................................................10mA
ICLPROG ....................................................................3mA
ICHRG, IRST3............................................................50mA
IPROG........................................................................2mA
ILDO3V3...................................................................30mA
ISW1, ISW2 (Continuous).......................................600mA
ISW, ISW3, IBAT, IVOUT (Continuous)..............................2A
Maximum Junction Temperature........................... 125°C
Operating Temperature Range.................. –40°C to 85°C
Storage Temperature Range................... –65°C to 125°C
(Notes 1, 2, 3)
13 14 15 16
TOP VIEW
39
UFE PACKAGE
38-LEAD (4mm
6mm) PLASTIC QFN
17 18 19
38 37 36 35 34 33 32
24
25
26
27
28
29
30
31
8
7
6
5
4
3
2
1
CLPROG
LDO3V3
NTCBIAS
NTC
OVGATE
OVSENS
FB1
VIN1
SW1
EN1
ENOTG
DVCC
IDGATE
CHRG
PROG
ACPR
WALL
VC
FB2
VIN2
SW2
EN2
RST3
FB3
23
22
21
20
9
10
11
12
TJMAX = 125°C, θJA = 34°C/W
EXPOSED PAD (PIN 39) IS GND, MUST BE SOLDERED TO PCB
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PowerPath Switching Regulator—Step-Down Mode
VBUS
Input Supply Voltage
4.35
5.5
V
IVBUS(LIM)
Total Input Current
1
× Mode
5
× Mode
10
× Mode
Low Power Suspend Mode
High Power Suspend Mode
l
l
l
l
l
82
440
800
0.32
1.6
90
472
880
0.39
2.05
100
500
1000
0.5
2.5
mA
mA
mA
mA
mA
IVBUSQ (Note 4)
Input Quiescent Current
1
× Mode
5
×, 10× Modes
Low/High Power Suspend Modes
7
17
0.045
mA
mA
mA
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3576EUFE#PBF
LTC3576EUFE#TRPBF
3576
38-Lead (4mm
× 6mm) Plastic QFN
–40°C to 85°C
LTC3576EUFE-1#PBF
LTC3576EUFE-1#TRPBF
35761
38-Lead (4mm
× 6mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VBUS = 5V, BAT = 3.8V, DVCC = 3.3V, RCLPROG = 3.01k, unless
otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com