Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3525-3 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3525-3
Description  400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3525-3 Datasheet(HTML) 2 Page - Linear Technology

  LTC3525-3 Datasheet HTML 1Page - Linear Technology LTC3525-3 Datasheet HTML 2Page - Linear Technology LTC3525-3 Datasheet HTML 3Page - Linear Technology LTC3525-3 Datasheet HTML 4Page - Linear Technology LTC3525-3 Datasheet HTML 5Page - Linear Technology LTC3525-3 Datasheet HTML 6Page - Linear Technology LTC3525-3 Datasheet HTML 7Page - Linear Technology LTC3525-3 Datasheet HTML 8Page - Linear Technology LTC3525-3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC3525-3/
LTC3525-3.3/LTC3525-5
2
3525fa
VIN, VOUT Voltage ........................................ – 0.3V to 6V
SW Voltage ................................................. – 0.3V to 6V
SW Voltage < 100ns ................................... –0.3V to 7V
⎯S⎯H⎯D⎯N Voltage ............................................. –0.3V to 6V
Operating Temperature Range
(Notes 2, 5).......................................... –40°C to 85°C
Storage Temperature Range................... –65°C to 125°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
(LTC3525-3)
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
SHDN 1
GND 2
VIN 3
6 SW
5 GND
4 VOUT
TOP VIEW
SC6 PACKAGE
6-LEAD PLASTIC SC70
TJMAX = 125°C
θJA = 256°C/W IN FREE AIR, θJA = 150°C/W ON BOARD
OVER GROUND PLANE
ORDER PART NUMBER
SC6 PART MARKING
LTC3525ESC6-3
LTC3525ESC6-3.3
LTC3525ESC6-5
LCDR
LBTG
LBWT
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.
The ● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VIN = 1.2V, V⎯S⎯H⎯D⎯N = 1.2V, VOUT = 3V unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Start-Up Voltage
0.85
1
V
Output Voltage
(Note 6)
●
2.91
3.00
3.09
V
Quiescent Current, VOUT
⎯S⎯H⎯D⎯N = VIN (Note 4)
7
15
µA
Quiescent Current, VIN
⎯S⎯H⎯D⎯N = VIN (Note 4)
0.5
3
µA
Quiescent Current, VIN - Shutdown
⎯S⎯H⎯D⎯N = 0V, VOUT = 0V
Not Including Switch Leakage
0.1
1
µA
NMOS Switch Leakage
VIN = VOUT = VSW = 5V, ⎯S⎯H⎯D⎯N = 0V
0.1
1
µA
PMOS Switch Leakage
VIN = VSW = 5V, VOUT = 0V, ⎯S⎯H⎯D⎯N = 0V
0.1
3
µA
NMOS Switch On Resistance
(Note 3)
0.6
Ω
PMOS Switch On Resistance
(Note 3)
0.9
Ω
Peak Current Limit
0.4
0.45
A
⎯S⎯H⎯D⎯N Threshold
0.4
0.6
1
V
⎯S⎯H⎯D⎯N Input Current
V⎯S⎯H⎯D⎯N = VIN or VOUT
0.01
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com