Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3525-5 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3525-5
Description  400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3525-5 Datasheet(HTML) 2 Page - Linear Technology

  LTC3525-5 Datasheet HTML 1Page - Linear Technology LTC3525-5 Datasheet HTML 2Page - Linear Technology LTC3525-5 Datasheet HTML 3Page - Linear Technology LTC3525-5 Datasheet HTML 4Page - Linear Technology LTC3525-5 Datasheet HTML 5Page - Linear Technology LTC3525-5 Datasheet HTML 6Page - Linear Technology LTC3525-5 Datasheet HTML 7Page - Linear Technology LTC3525-5 Datasheet HTML 8Page - Linear Technology LTC3525-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC3525-3.3/LTC3525-5
3525f
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Start-Up Voltage
0.85
1
V
Output Voltage
(Note 6)
●
3.20
3.30
3.40
V
Quiescent Current, VOUT
SHDN = VIN (Note 4)
7
15
µA
Quiescent Current, VIN
SHDN = VIN (Note 4)
0.5
3
µA
Quiescent Current, VIN - Shutdown
SHDN = 0V, VOUT = 0V
0.1
1
µA
Not Including Switch Leakage
NMOS Switch Leakage
VIN = VOUT = VSW = 5V, SHDN = 0V
0.1
1
µA
PMOS Switch Leakage
VIN = VSW = 5V, VOUT = 0V, SHDN = 0V
0.1
3
µA
NMOS Switch On Resistance
0.5
Ω
PMOS Switch On Resistance
0.8
Ω
Peak Current Limit
0.4
0.45
A
SHDN Threshold
0.4
0.6
1
V
SHDN Input Current
VSHDN = VIN or VOUT
0.01
1
µA
VIN, VOUT Voltage........................................ – 0.3V to 6V
SW Voltage ................................................ – 0.3V to 6V
SW Voltage < 100ns ................................... – 0.3V to 7V
SHDN Voltage ............................................ – 0.3V to 6V
Operating Temperature Range
(Notes 2, 5) ........................................ – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 125°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VIN = 1.2V, VSHDN = 1.2V, VOUT = 3.3V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
(Note 1)
(LTC3525-3.3)
TJMAX = 125°C
θJA = 256°C/ W IN FREE AIR, θJA = 150°C/ W ON BOARD
OVER GROUND PLANE
ORDER PART NUMBER
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
LTC3525ESC6-3.3
LTC3525ESC6-5
SHDN 1
GND 2
VIN 3
6 SW
5 GND
4 VOUT
TOP VIEW
SC6 PACKAGE
6-LEAD PLASTIC SC70
SC6 PART MARKING
LBTG
LBWT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com