Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3526LB Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3526LB
Description  550mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm 횞 2mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3526LB Datasheet(HTML) 2 Page - Linear Technology

  LTC3526LB Datasheet HTML 1Page - Linear Technology LTC3526LB Datasheet HTML 2Page - Linear Technology LTC3526LB Datasheet HTML 3Page - Linear Technology LTC3526LB Datasheet HTML 4Page - Linear Technology LTC3526LB Datasheet HTML 5Page - Linear Technology LTC3526LB Datasheet HTML 6Page - Linear Technology LTC3526LB Datasheet HTML 7Page - Linear Technology LTC3526LB Datasheet HTML 8Page - Linear Technology LTC3526LB Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3526L/LTC3526LB
2
3526lfb
VIN Voltage................................................... –0.3V to 6V
SW Voltage
DC............................................................ –0.3V to 6V
Pulsed <100ns......................................... –0.3V to 7V
⎯S⎯H⎯D⎯N, FB Voltage ........................................ –0.3V to 6V
VOUT............................................................. –0.3V to 6V
Operating Temperature Range
(Notes 2, 5).............................................. –40°C to 85°C
Storage Temperature Range................... –65°C to 150°C
(Note 1)
The ● denotes the specifications which apply over the specified operating
temperature range of –40°C to 85°C, otherwise specifications are at TA = 25°C. VIN = 1.2V, VOUT = 3.3V unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Start-Up Input Voltage
ILOAD = 1mA
0.68
0.8
V
Input Voltage Range
After Start-Up. (Minimum Voltage is Load Dependent)
●
0.5
5
V
Output Voltage Adjust Range
●
1.5
5.25
V
Feedback Pin Voltage
●
1.165
1.195
1.225
V
Feedback Pin Input Current
VFB = 1.30V
1
50
nA
Quiescent Current—Shutdown
V⎯S⎯H⎯D⎯N = 0V, Not Including Switch Leakage, VOUT = 0V
0.01
1
μA
Quiescent Current—Active
Measured on VOUT, Nonswitching
250
500
μA
Quiescent Current—Burst
Measured on VOUT, FB > 1.230V (LTC3526L Only)
9
18
μA
N-Channel MOSFET Switch Leakage Current
VSW = 5V
0.1
5
μA
P-Channel MOSFET Switch Leakage Current
VSW = 5V, VOUT = 0V
0.1
10
μA
N-Channel MOSFET Switch On Resistance
VOUT = 3.3V
0.4
Ω
P-Channel MOSFET Switch On Resistance
VOUT = 3.3V
0.6
Ω
N-Channel MOSFET Current Limit
●
550
750
mA
Current Limit Delay to Output
(Note 3)
60
ns
Maximum Duty Cycle
VFB = 1.15V
●
87
90
%
Minimum Duty Cycle
VFB = 1.3V
●
0%
Switching Frequency
●
0.75
1
1.25
MHz
⎯S⎯H⎯D⎯N Pin Input High Voltage
0.8
V
⎯S⎯H⎯D⎯N Pin Input Low Voltage
0.3
V
PIN CONFIGURATION
TOP VIEW
VOUT
FB
SHDN
SW
GND
VIN
DC PACKAGE
6-LEAD (2mm × 2mm) PLASTIC DFN
7
1
2
3
6
5
4
TJMAX = 125°C, θJA = 60°C/W (NOTE 6)
EXPOSED PAD (PIN 7) IS GND, MUST BE SOLDERED TO PC BOARD
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3526LEDC#PBF
LTC3526LBEDC#PBF
LTC3526LEDC#TRPBF
LTC3526LBEDC#TRPBF
LCSS
LCST
6-Lead (2mm × 2mm) Plastic DFN
6-Lead (2mm × 2mm) Plastic DFN
–40°C to 85°C
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com