Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSOP5237 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSOP5237
Description  Photo Module for High Data Rates PCM Remote Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP5237 Datasheet(HTML) 2 Page - Vishay Siliconix

  TSOP5237 Datasheet HTML 1Page - Vishay Siliconix TSOP5237 Datasheet HTML 2Page - Vishay Siliconix TSOP5237 Datasheet HTML 3Page - Vishay Siliconix TSOP5237 Datasheet HTML 4Page - Vishay Siliconix TSOP5237 Datasheet HTML 5Page - Vishay Siliconix TSOP5237 Datasheet HTML 6Page - Vishay Siliconix TSOP5237 Datasheet HTML 7Page - Vishay Siliconix TSOP5237 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TSOP52..
Vishay Telefunken
Rev. 1, 08-Mar-01
www.vishay.com
Document Number 82154
2 (8)
Absolute Maximum Ratings
Tamb = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Supply Voltage
Pin 4
VS
–0.3...6.0
V
Supply Current
Pin 4
IS
5
mA
Output Voltage
Pin 3
VO
–0.3...6.0
V
Output Current
Pin 3
IO
15
mA
Junction Temperature
Tj
100
°C
Storage Temperature Range
Tstg
–40...+85
°C
Operating Temperature Range
Tamb
–25...+85
°C
Power Consumption
Tambx 85°C
Ptot
50
mW
Basic Characteristics
Tamb = 25_C
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Supply Current
VS = 5 V, Ev = 0
ISD
0.8
1.1
1.5
mA
Su
ly Current
VS = 5 V, Ev = 40 klx, sunlight
ISH
1.4
mA
Supply Voltage
VS
4.5
5.5
V
Transmission Distance
Ev = 0, test signal see fig.7,
IR diode TSAL6200, IF = 400 mA
d
30
m
Output Voltage Low (Pin 3)
IOSL = 0.5 mA,Ee = 0.7 mW/m2
VOSL
250
mV
Irradiance (30–40 kHz)
Pulse width tolerance:
t i
5/f <t
<t i + 6/f
Ee min
0.5
0.6
mW/m2
Irradiance (56 kHz)
tpi – 5/fo < tpo < tpi + 6/fo,
test signal see fig.7
Ee min
0.6
0.7
mW/m2
Irradiance
tpi – 5/fo < tpo < tpi + 6/fo
Ee max
30
W/m2
Directivity
Angle of half transmission distance
ϕ1/2
±50
deg
Application Circuit
16799
TSAL62..
TSOP52..
3
1
2
4.7
mF *)
mC
>10 k
W
optional
100
W *)
+5V
*) recommended to suppress power supply disturbances
GND
**) the output voltage should not be hold continuously at a voltage below 3.3V by the external circuit.
**)
4
N.C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com