Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFC1608BTTDR10 Datasheet(PDF) 5 Page - KOA Speer Electronics, Inc.

Part # HFC1608BTTDR10
Description  high frequency ceramic capacitor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

HFC1608BTTDR10 Datasheet(HTML) 5 Page - KOA Speer Electronics, Inc.

  HFC1608BTTDR10 Datasheet HTML 1Page - KOA Speer Electronics, Inc. HFC1608BTTDR10 Datasheet HTML 2Page - KOA Speer Electronics, Inc. HFC1608BTTDR10 Datasheet HTML 3Page - KOA Speer Electronics, Inc. HFC1608BTTDR10 Datasheet HTML 4Page - KOA Speer Electronics, Inc. HFC1608BTTDR10 Datasheet HTML 5Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
HFC
high frequency ceramic capacitor
environmental applications (continued)
Endurance Characteristics
Parameter
Solderability
A new coating of solder shall cover a minimum
of 95% of the surface being immersed
Flux: 25 wt% colophony
Solder: H60A (silver 3%)
Preheating: 150°C for 1 minute
Soldering Temperature: 230°C ± 5°C
Soldering Temperature: 215°C ± 5°C (HFC1005)
Immersion Time: 3 seconds ± 1 second
Resistance to Solder Heat
Visual Examination: No mechanical damage
Capacitance: Within ±2.0% or ±0.02 pF
whichever is more
Q value: 100 or more
Insulation Resistance: 10,000 MΩ or more
Flux: 25 wt% colophony
Solder: H60A (silver 3%)
Soldering Temperature: 270°C ± 5°C
Immersion Time: 10 seconds ± 1 second
Vibration
Frequency of Vibration: 10 to 100 Hz
Sweeping: 10
→100→10 Hz, 5 minutes, 5.0 G
This motion shall be applied for a period of 2 hours
in each of 3 mutually perpendicular axis
Resistance to Humidity
(Load Test)
Temperature: 60°C ± 2°C
Relative Humidity: 95% RH
Test Voltage: Rated voltage
Test Hours: 1000 -0/+48 hours
Resistance to Humidity
(Unload Test)
Temperature: 85°C ± 2°C
Relative Humidity: 85% RH
Test Hours: 1000 -0/+48 hours
Resistance to
High Temperature
Temperature: 125°C ± 2°C
Test Voltage: Rated voltage
Test Hours: 1000 -0/+48 hours
Temperature: -55°C for 30 min., 125°C for 30 min.
Hours for 1 Cycle: 2 hours
Temperature Cycle: 50 cycles or more
Requirement
Test Method
Resistance to Low Heat
Temperature Cycle
Half of sine wave (100 G) shall be applied
for a period of 5 msec. in each of 3 mutually
perpendicular axis
Shock
Temperature: -55°C ± 2°C
Test Hours: 1000 -0/+48 hours
The specimen shall be subjected to standard atmospheric condition for 24 hours after which measurement shall be made.
261
KOA Speer Electronics, Inc. • Bolivar Drive • P.O. Box 547 • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
7/16/04



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com