Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFC1610BTTDR10 Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # HFC1610BTTDR10
Description  high frequency ceramic capacitor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

HFC1610BTTDR10 Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  HFC1610BTTDR10 Datasheet HTML 1Page - KOA Speer Electronics, Inc. HFC1610BTTDR10 Datasheet HTML 2Page - KOA Speer Electronics, Inc. HFC1610BTTDR10 Datasheet HTML 3Page - KOA Speer Electronics, Inc. HFC1610BTTDR10 Datasheet HTML 4Page - KOA Speer Electronics, Inc. HFC1610BTTDR10 Datasheet HTML 5Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HFC
high frequency ceramic capacitor
applications and ratings (continued)
environmental applications
100
1
Capacitance
(pF)
1
0.1
10
10
HFC1410, 1608, 1610, 1612 Series
10000
1
Frequency
(MHz)
1000
500
1800
100
10
1000
Type: HFC1612VT1R0R05M50 (1.0 PF)
Q vs. Frequency
Self Resonant Frequency (SRF)
vs. Capacitance Value
ESR vs. Frequency
5
0.01
Frequency
(MHz)
1000
500
1800
1
0.1
±0.075
±0.015
±0.030
V
C
T
N
50
-55°C to +125°C
50
-55°C to +125°C
Part
Designation
Tolerance Code
(pF)
Material
Code
Operating
Temperature
Range
Rated
Voltage
DC (V)
Capacitance
(pF)
HFC1410VTTE1R1
1.10
HFC1410VTTE1R2
1.20
HFC1410VTTE1R3
1.30
HFC1608CTTER10
0.10
HFC1608TTTER15
0.15
HFC1608NTTER20
0.20
HFC1608NTTER25
0.25
HFC1608NTTER30
0.30
HFC1608NTTER35
0.35
±0.030
V
V
V
50
-55°C to +125°C
HFC1608VTTER40
0.40
HFC1608VTTER45
0.45
HFC1608VTTER50
0.50
HFC1608VTTER55
0.55
HFC1610VTTER60
0.60
HFC1610VTTER65
0.65
HFC1610VTTER70
0.70
HFC1610VTTER75
0.75
HFC1610VTTER80
0.80
HFC1610VTTER85
0.85
HFC1610VTTER90
0.90
HFC1612VTTER95
0.95
HFC1612VTTE1R0
1.00
±0.050
±0.050
50
-55°C to +125°C
259
KOA Speer Electronics, Inc. • Bolivar Drive • P.O. Box 547 • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
3/10/07



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com