Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFC1612BTTDR10 Datasheet(PDF) 4 Page - KOA Speer Electronics, Inc.

Part # HFC1612BTTDR10
Description  high frequency ceramic capacitor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

HFC1612BTTDR10 Datasheet(HTML) 4 Page - KOA Speer Electronics, Inc.

  HFC1612BTTDR10 Datasheet HTML 1Page - KOA Speer Electronics, Inc. HFC1612BTTDR10 Datasheet HTML 2Page - KOA Speer Electronics, Inc. HFC1612BTTDR10 Datasheet HTML 3Page - KOA Speer Electronics, Inc. HFC1612BTTDR10 Datasheet HTML 4Page - KOA Speer Electronics, Inc. HFC1612BTTDR10 Datasheet HTML 5Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
260
KOA Speer Electronics, Inc. • Bolivar Drive • P.O. Box 547 • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
11/01/03
HFC
high frequency ceramic capacitor
environmental applications (continued)
Electrical Characteristics
Parameter
Capacitance
Within the specified tolerance of parts
Frequency: 1 MHz
Voltage: 1 Vrms
Instrument: YHP4278A
Q Value
100 or more
Frequency: 1 MHz
Voltage: 1 Vrms
Instrument: YHP4278A
Breakdown Voltage
No breakdown
Test Voltage: 300% of the rated voltage
Electrification Time: 1 second to 5 seconds
Limit Surge Current: 50 mA or less
Insulation Resistance
10,000 MΩ or more
Test Voltage: Rated voltage
Electrification Time: 60 seconds ± 5 seconds
Requirement
Test Method
Mechanical Characteristics
Parameter
Adhesion of Electrodes
No mechanical damage
A static load of
5N (0.5 kgf) shall
be applied in the
direction of the
arrow as follows
Requirement
Test Method
Printed Board
Chip
Load (5N)
Weight
20
Displacement
Substrate
45
± 2
45
± 2
Core Body Strength
No mechanical damage
A static load of 5N (0.5 kgf) using a R 0.5 pressure
rod shall be applied on the core of the component
and held for 10 seconds
Substrate Bending Test
Visual Examination: No mechanical damage
Capacitance: Within ±2.0% or ±0.02 pF
whichever is more
Q value: 100 or more
Insulation Resistance: 10,000 MΩ or more
Solder a specimen to the substrate and bend it
(Displacement: 2mm)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com