Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPCN1502 Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # CPCN1502
Description  Fixed Ceramics Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CPCN1502 Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  CPCN1502 Datasheet HTML 1Page - KOA Speer Electronics, Inc. CPCN1502 Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
100
80
60
40
20
-60 -40 -20
0
40 60 80 100
180
20
Ambient Temperature
(
°C)
0
120 140 160
200
SS-246 R4
Bolivar Drive ■ P.O. Box 547 ■ Bradford, PA 16701 ■ USA ■ 814-362-5536 ■ Fax 814-362-8883 ■ www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 2 OF 2
KOA SPEER ELECTRONICS, INC.
4.1.
Derating Curve
5. Characteristics
Requirement Δ R
Parameter
Limit
Typical
Test Method
Resistance
Measurement Voltage
Resistance
Within regulated
—1kΩ, 5kΩ
10V
tolerance
10kΩ, 15kΩ
30V
T.C.R.
-1200±300ppm/°C
—
+25°C/-40°C and +25°C/+125°C
Voltage Coefficient
0 ~ -0.2%/V
—
Rated voltage and rated voltage x 10%
Overload
±2%
±0.3%
Rated voltage x 2.5 or max. overload voltage for 5 seconds, whichever is less
Load Life at High Voltage Pulse
±30%
—
Continuous 250h high voltage pulse on the test circuit (Refer to JIS D5111)
Type
Holding Distance Time
Force
CPCN1/2
5.0 ± 0.2mm
Resistor Body Strength
No mechanical
—
CPCN1
9.0 ± 0.3mm
10 seconds
98N (10kgf)
damages
CPCN2N
12.3 ± 0.3mm
CPCN3
490N (50kgf)
Rapid Change of Temperature
±5.0%
±5.0%
-55°C (15 minutes), +155°C (15 minutes), 500 cycles
Moisture Resistance
±5.0%
±0.9%
40°C ± 2°C, 90 - 95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
Load Life
±5.0%
±0.7%
40°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
Low Temperature Operation
±5.0%
±0.7%
-40°C, 24 hours
High Temperature Exposure
±5.0%
±2.0%
+200°C, 1000 hours
The resistance measurement before and after the examination should be performed in room temperature with difference ±1°C.
SS-246 R4 CPCN
6/11/07
11:02 AM
Page 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com