Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFAQ20T Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # TFAQ20T
Description  r/c filter networks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

TFAQ20T Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  TFAQ20T Datasheet HTML 1Page - KOA Speer Electronics, Inc. TFAQ20T Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TF(X)
r/c filter networks
environmental applications
Performance Characteristics
Parameter
MIL-R-55342 4.7.7
+0.25%
Maximum
∆ R
Test Method
Resistance to Soldering Heat
MIL-R-55342 4.7.5
+0.50%
Short Time Overload
MIL-STD-202 method 103
+0.50%
Moisture Resistance
MIL-STD-202 method 107
+0.50%
Thermal Shock
2 Atm., 121°C, 96 hrs
+1%
H.A.S.T.
Parallel Termination
Driver
Receiver
Gnd
25 ohms
200 pF
25 ohms
Part
Designation
Capacitor
Voltage
Rating
Power
Rating
@ 70°C
(Per Element)
T.C.R.
(ppm/°C)
applications and ratings
TFA
TFB
20V
±200
100mW
Operating
Temperature
Range
-55°C to
+125°C
Capacitor
Range
pF (E-24)
Resistance
Tolerance
Capacitor
Tolerance
Resistance
Range
Ω (E-24)
33 ~ 400pF
M: ±20%
K: ±10%
10 ~ 1,000
* TFB only
ESD*
Rating
IEC
61000-4-2
Diode*
Breakdown
Voltage
(@1ma)
4kV*
6.5v Min.
143
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/14/04
1733 Reader's Spreads pg1-203:document
1/27/09
4:11 PM
Page 141



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com