Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CZP2AFTTD301P Datasheet(PDF) 10 Page - KOA Speer Electronics, Inc.

Part # CZP2AFTTD301P
Description  Multi Layer Ferrite Power Beads
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CZP2AFTTD301P Datasheet(HTML) 10 Page - KOA Speer Electronics, Inc.

Back Button CZP2AFTTD301P Datasheet HTML 2Page - KOA Speer Electronics, Inc. CZP2AFTTD301P Datasheet HTML 3Page - KOA Speer Electronics, Inc. CZP2AFTTD301P Datasheet HTML 4Page - KOA Speer Electronics, Inc. CZP2AFTTD301P Datasheet HTML 5Page - KOA Speer Electronics, Inc. CZP2AFTTD301P Datasheet HTML 6Page - KOA Speer Electronics, Inc. CZP2AFTTD301P Datasheet HTML 7Page - KOA Speer Electronics, Inc. CZP2AFTTD301P Datasheet HTML 8Page - KOA Speer Electronics, Inc. CZP2AFTTD301P Datasheet HTML 9Page - KOA Speer Electronics, Inc. CZP2AFTTD301P Datasheet HTML 10Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
SS-220 R12
Bolivar Drive ■ P.O. Box 547 ■ Bradford, PA 16701 ■ USA ■ 814-362-5536 ■ Fax 814-362-8883 ■ www.koaspeer.com
Spec i fi c ati on s g iven her ei n m ay be cha nged a t any ti m e w i tho ut pr i or not i ce. Pl eas e c onf ir m te chni c al s pec if i ca ti ons befor e you or der an d/or u se.
PAGE 10 OF 10
10. Recommended Temperature Profiles for Soldering
9. Recommended PC Board Land Patterns - mm (inches)
1J (0603)
2.6 (0.102)
3.0 (0.118)
4.4 (0.173)
0.6 (0.023)
1.0 (0.039)
2.2 (0.087)
0.8 (0.031)
1.0 (0.039)
1.4 (0.055)
2A (0805)
2B (1206)
Chip Size
L
G
H
G
L
H
250°C
150°C
60 Seconds Max.
Preheat 100
Seconds Max.
Soldering
10 Seconds Max.
Natural
Cooling
Recommended Temperature Profile
for Wave Soldering
250°C
150°C
60 Seconds Max.
Preheat 100
Seconds Max.
Soldering
10 Seconds Max.
Natural
Cooling
Recommended Temperature Profile
for Reflow Soldering
20 Seconds Max.
200°C
SS-220 R12 CZP
12/7/06
11:54 AM
Page 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com