Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CZB1ESTTP600P Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # CZB1ESTTP600P
Description  multilayer ferrite bead
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CZB1ESTTP600P Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  CZB1ESTTP600P Datasheet HTML 1Page - KOA Speer Electronics, Inc. CZB1ESTTP600P Datasheet HTML 2Page - KOA Speer Electronics, Inc. CZB1ESTTP600P Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CZB
multilayer ferrite bead
applications and ratings (continued)
Part
Designation
Impedance
@ 100MHz
†
(
Ω)
DC
Resistance
Maximum ††
(
Ω)
Allowable
DC Current
Maximum
(mA)
Operating
Temperature
Range
-55°C to +125°C
For complete environmental specifications,
please refer to pages 256-257.
†
Impedance test method: HP4291A
††
DCR test method: Keithley 580
600
400
200
300
500
200
800
500
600
300
200
300
200
800
500
400
500
300
200
600
300
400
250
200
-55°C to +125°C
0.15
0.25
0.30
0.25
0.40
0.55
0.80
0.10
0.20
0.15
0.25
0.35
0.40
0.60
0.10
0.20
0.15
0.30
0.20
0.40
0.60
0.70
0.10
0.15
0.25
0.30
0.55
CZB2AGTTD121P
120
CZB2AGTTD151P
150
CZB2AGTTD201P
200
CZB2AGTTD221P
220
CZB2AGTTD301P
300
CZB2AGTTD601P
600
CZB2AGTTD601PV
600
CZB2AGTTD102P
1000
CZB2AGTTD152P
1500
CZB2AGTTD222P
2200
CZB2ASTTD110P
11
CZB2ASTTD300P
30
CZB2ASTTD600P
60
CZB2ASTTD900P
90
CZB2ASTTD121P
120
CZB2ASTTD221P
220
CZB2ASTTD301P
300
CZB2ASTTD401P
400
CZB2ASTTD601P
600
CZB2ASTTD102P
1000
CZB2BFTTE190P
19
CZB2BFTTE260P
26
CZB2BFTTE300P
30
CZB2BFTTE310P
31
CZB2BFTTE500P
50
CZB2BFTTE600P
60
CZB2BFTTE700P
70
CZB2BFTTE800P
80
CZB2BFTTE900P
90
CZB2BFTTE101P
100
CZB2BFTTE121P
120
CZB2BFTTE151P
150
CZB2BFTTE201P
200
CZB2BFTTE301P
300
CZB2BFTTE401P
400
CZB2BFTTE601P
600
CZB2BGTTE102P
1000
CZB2BGTTE152P
1500 @ 50MHz
CZB2BSTTE190P
19
CZB2BSTTE300P
30
CZB2BSTTE600P
60
CZB2BSTTE800P
80
CZB2BSTTE121P
120
CZB2BSTTE221P
220
CZB2BSTTE401P
400
CZB2BSTTE601P
600
CZB2BSTTE102P
1000
253
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
3/10/07
1733 Reader's Spreadspg189-328:1570 Reader's Spreadspg189-328
1/27/09
4:59 PM
Page 58



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com