Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHL1ECTTP2N2 Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # MHL1ECTTP2N2
Description  multilayer ceramic inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

MHL1ECTTP2N2 Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  MHL1ECTTP2N2 Datasheet HTML 1Page - KOA Speer Electronics, Inc. MHL1ECTTP2N2 Datasheet HTML 2Page - KOA Speer Electronics, Inc. MHL1ECTTP2N2 Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PMS 300 neg.
Black neg.
206
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
3/06/07
MHL
multilayer ceramic inductor
Part
Designation
Inductance
L (nH)
Inductance
Tolerance
applications and ratings
DC
Resistance
Maximum
(
Ω)
Allowable
DC Current
Maximum
(mA)
Self Resonant
Frequency
Typical
(MHz)
1.0
1.2
S: ±0.3nH
S: ±0.3nH
J: ±5%
J: ±5%
8
10
8
10
14
15
18
19
16
––
46
36
10000
6000
4000
3900
3500
3200
2600
2300
2000
1600
1400
1200
1100
900
750
600
6000
4000
3500
3200
2600
2300
2000
1600
1400
0.12
0.13
300
200
150
0.14
0.16
0.17
0.19
0.22
0.24
0.27
0.32
0.37
0.42
0.50
0.55
0.65
0.8
0.9
1.0
1.2
1.3
1.4
1.6
34
32
31
30
28
26
24
23
21
11
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
27
Operating
Temperature
Range
MHL1ECTTP1N0*
MHL1ECTTP1N2*
MHL1ECTTP1N5*
MHL1ECTTP1N8*
MHL1ECTTP2N2*
MHL1ECTTP2N7*
MHL1ECTTP3N3*
MHL1ECTTP3N9*
MHL1ECTTP4N7*
MHL1ECTTP5N6*
MHL1ECTTP6N8*
MHL1ECTTP8N2*
MHL1ECTTP10N*
MHL1ECTTP12N*
MHL1ECTTP15N*
MHL1ECTTP18N*
MHL1ECTTP22N*
MHL1ECTTP27N*
MHL1ECTTP33N*
MHL1ECTTP39N*
MHL1ECTTP47N*
MHL1ECTTP56N*
MHL1ECTTP68N*
MHL1ECTTP82N*
MHL1ECTTPR10*
MHL1JCTTD1N5*
MHL1JCTTD1N8*
MHL1JCTTD2N2*
MHL1JCTTD2N7*
MHL1JCTTD3N3*
MHL1JCTTD3N9*
MHL1JCTTD4N7*
MHL1JCTTD5N6*
MHL1JCTTD6N8*
MHL1JCTTD8N2*
MHL1JCTTD10N*
MHL1JCTTD12N*
MHL1JCTTD15N*
MHL1JCTTD18N*
MHL1JCTTD22N*
MHL1JCTTD27N*
MHL1JTTTD27N*
-55°C
to
+125°C
-55°C
to
+125°C
Minimum
(100MHz)
Typical
(800MHz)
Typical
(100MHz)
Q
0.10
0.13
0.15
0.20
0.23
0.25
0.28
0.30
0.35
0.40
0.45
0.50
0.55
*Add tolerance character (S, J)
For complete environmental specifications,
please refer to pages 208-209.
15
1200
33
MHL1JCTTD33N*
0.60
37
500
600
1000
180
100
––
120
MHL1ECTTPR12*
NEW
12
1733 Reader's Spreadspg189-328:1570 Reader's Spreadspg189-328
1/27/09
4:47 PM
Page 11



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com