Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL3225TTE2R2M Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # PL3225TTE2R2M
Description  planar inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

PL3225TTE2R2M Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  PL3225TTE2R2M Datasheet HTML 1Page - KOA Speer Electronics, Inc. PL3225TTE2R2M Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DC Bias Characteristics
6
3
02500
DC Bias (mA)
500
2000
0
2R2
5
4
2
1
4R3
1000
1500
1R5 1R0
4R7
3R3
R62
R56
R33
3
L - Frequency Characteristics
environmental applications
5
4
0.1
10
100
1
Frequency (MHz)
0
4R7
1
2
3
2R2
1R5
1R0
R62
1
3R3
2R7
R56
R33
1
PL
planar inductors
231
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
11/23/08
Surface Temperature Rise
02000
DC Bias (mA)
30
1000
0
2R2
R62
60
40
20
10
200
1R5
1R0
3
4R7
R
1600
600
50
4008001400
1800
1200
4R3
R56
R33
R
3R3
6
3
0
800
1200
200
DC Bias (mA)
0
2R2
5R1
5
4
2
1
2R7
400
600
1000
1R5
1R1
4R7
3R3
10
8
0.01
1
100
0.1
Frequency (MHz)
0
5R1
10
2
4
6
2R7
2R2
1R5
1R1
4R7
3R3
30
0
1000
1500
DC Bias (mA)
0
2R2
5R1
50
40
20
10
2R7
500
1R5
1R1
4
4R7
3R3
Performance Characteristics
Parameter
260°C ± 5°C, 10s ± 1s
Without distinct damage
in appearance and construction
∆ L/L: ±10%
Requirements Maximum
∆ L
Test Method
Resistance to Soldering Heat
-40°C (30min.)/ +125°C (30min.) 100 cycles
Without distinct damage
in appearance and construction
∆ L/L: ±10%
Rapid Change of Temperature
-40°C ± 3°C, 1000h
Without distinct damage
in appearance and construction
∆ L/L: ±10%
Low Temperature Exposure
125°C ± 2°C, 1000h
Without distinct damage
in appearance and construction
∆ L/L: ±10%
High Temperature Exposure
40°C ± 2°C, 90%~95%RH, 1000h
Without distinct damage
in appearance and construction
∆ L/L: ±10%
Moisture Exposure
Accordance with MIL-STD 202G Method 215
Without distinct damage
in appearance and construction
∆ L/L: ±10%
Resistance to Solvent
Limit
Typical
∆ L/L: ±2.5%
∆ L/L: ±0.5%
∆ L/L: ±1.5%
∆ L/L: ±1.5%
∆ L/L: ±1.0%
∆ L/L: ±1.5%
Part
Designation
Marking
applications and ratings (continued)
Allowable
DC Current
Maximum
(mAmps)
Self Resonant
Frequency
Minimum
(MHz)
DC
Resistance
Maximum
(
Ω)
Inductance
Tolerance
Measured
Frequency
(Hz)
PL3225TTE1R1M
Inductance
(µH)
1R1
M: ±20%
0.11
800
130
1 MHz
PL3225TTE1R5M
1R5
0.15
600
120
PL3225TTE2R2M
2R2
0.23
500
90
PL3225TTE2R7M
2R7
0.28
400
70
PL3225TTE3R3M
3R3
0.50
350
60
1.1
1.5
2.2
2.7
3.3
Operating
Temperature
Range
-40°C
to +125°C
PL3225TTE4R7M
4R7
0.60
300
50
PL3225TTE5R1M
5R1
0.60
300
50
4.7
5.1
PL3225
PL2520
1733 Reader's Spreadspg189-328:1570 Reader's Spreadspg189-328
1/27/09
4:58 PM
Page 36



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com