Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR72AD Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # LR72AD
Description  Surface Mount Custom Milli-Ohm Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

LR72AD Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  LR72AD Datasheet HTML 1Page - KOA Speer Electronics, Inc. LR72AD Datasheet HTML 2Page - KOA Speer Electronics, Inc. LR72AD Datasheet HTML 3Page - KOA Speer Electronics, Inc. LR72AD Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Bolivar Drive ■ P.O. Box 547 ■ Bradford, PA 16701 ■ USA ■ 814-362-5536 ■ Fax 814-362-8883 ■ www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 2 OF 4
KOA SPEER ELECTRONICS, INC.
SS-238 R3
Item
Requirement
Test Methods (JIS C 5202)
Resistance
Within regulated tolerance
25°C
T.C.R.
Within specified T.C.R.
Room temperature/100°C up,
LR72C: Room temperature/25°C ~ 200°C
Resistance to
± 2.0%
350°C ±10°C, 3s;
Soldering Heat
LR72C: 260°C ± 5°C, 10 seconds
Solderability
95% Coverage min.
235°C ±5°C, 5s
Moisture Resistance
±3%
40°C 90% ~ 95% RH, 1000h. No load
Moisture Resistance
±5%
Power rating X 1/10, 40°C, 90% ~ 95% RH.
1000h, 1.5h ON 0.5h OFF cycle
Load Life
±5% (A & B), ±3% (C)
Rating voltage, 1000h, 1.5h ON
0.5h OFF cycle
6. Characteristics
5. Dimensions
L2
L2
L
W
t
Copper Nickel
Alloy
Termination
W
t
d
L
a
Copper Nickel
Alloy
Termination
L2
L2
L
W
Copper Nickel
Alloy
Termination
g
g
LR72A
3.75 size only
d
t d
L
.39±.004
(10.0±0.1)
.079
(2.0)
.39±.004
(10.0±0.1)
.079
(2.0)
.20±.008
(5.2±0.2)
.079
(2 Max.)
.20±.008
(5.2±0.2)
.079
(2 Max.)
L2 +0.1
-.02
Wt
Dimensions inches
(mm)
Size
Code
LR72A
(8.00)
LR72A
(5.00)
L
.44±.016
(11.2±0.4)
.126±.016
(3.2±0.4)
.137±.016
(3.5±0.4)
.189±.030
(4.8±.75)
.093±.010
(2.35±.25)
Wt
a
d
Dimensions inches
(mm)
Size
Code
LR72C
LR72B
LR72A
LR72C
.009
(0.22)
.006
(0.16)
d
L
.39±.004
(10.0±0.1)
.079
(2.0)
.118±.008
(3.0±0.2)
.079
(2 Max.)
L2 +0.1
-.02
Wt
Dimensions inches
(mm)
Size
Code
LR72B
.026
(0.66)
.043±.008
(1.1±0.2)
dg
.39±.004
(10.0±0.1)
.079
(2.0)
.20±.008
(5.2±0.2)
.079
(2 Max.)
LR72A
(3.75)
.013
(0.32)
.39±.004
(10.0±0.1)
.079
(2.0)
.20±.008
(5.2±0.2)
.079
(2 Max.)
LR72A
(2.50)
.019
(0.47)
SS-238 R3
6/1/07
5:13 PM
Page 2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com