Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVD07SCMHT Datasheet(PDF) 9 Page - KOA Speer Electronics, Inc.

Part # NVD07SCMHT
Description  Metal Oxide Varistor Disk Type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

NVD07SCMHT Datasheet(HTML) 9 Page - KOA Speer Electronics, Inc.

Back Button NVD07SCMHT Datasheet HTML 4Page - KOA Speer Electronics, Inc. NVD07SCMHT Datasheet HTML 5Page - KOA Speer Electronics, Inc. NVD07SCMHT Datasheet HTML 6Page - KOA Speer Electronics, Inc. NVD07SCMHT Datasheet HTML 7Page - KOA Speer Electronics, Inc. NVD07SCMHT Datasheet HTML 8Page - KOA Speer Electronics, Inc. NVD07SCMHT Datasheet HTML 9Page - KOA Speer Electronics, Inc. NVD07SCMHT Datasheet HTML 10Page - KOA Speer Electronics, Inc. NVD07SCMHT Datasheet HTML 11Page - KOA Speer Electronics, Inc. NVD07SCMHT Datasheet HTML 12Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SS-245 R4
PAGE 9 OF 12
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
KOA SPEER ELECTRONICS, INC.
6. Typical Characteristics (Ta = +25°C) D14U
Voltage-Current Characteristics (NVD14U-022~NVD14U-068)
1
10
100
1000
Current (A)
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
Max. Clamping Voltage
Max. Leakage Current
NVD14UC068
NVD14UC056
NVD14UC047
NVD14UC039
NVD14UC033
NVD14UC027
NVD14UC022
Image Derating
(NVD14U-022~NVD14U-068)
1
100
1000
10000
Impulse Width(
µs)
20
100
1000
10
10000
n=10
2
n=10
3
n=2
n=10
n=10
4
n=10
5
n=10
6
Voltage-Current Characteristics (NVD14U-082~NVD14U-1800)
Current (A)
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
Max. Clamping Voltage
Max. Leakage Current
NVD14UC1800
NVD14UC910
NVD14UC820
NVD14UC780
NVD14UC750
NVD14UC680
NVD14UC620
NVD14UC510
NVD14UC470
NVD14UC430
NVD14UC390
NVD14UC360
NVD14UC330
NVD14UC270
NVD14UC240
NVD14UC220
NVD14UC200
NVD14UC150
NVD14UC120
NVD14UC100
NVD14C082
10
4
10
5
30
300
700
5000
1000
900
800
600
500
400
200
40
50
60
70
80
90
100
4000
3000
2000
20
10
Image Derating
(NVD14U-082~NVD14U-270)
1
100
1000
10000
Impulse Width(
µs)
20
100
1000
10
10000
n=10
2
n=10
3
n=2
n=10
n=10
4
n=10
5
n=10
6
Image Derating
(NVD14U-330~NVD14U-1800)
1
100
1000
10000
Impulse Width(
µs)
20
100
1000
10
10000
n=10
2
n=10
3
n=2
n=10
n=10
4
n=10
5
n=10
6
Surge current is
related to impulse
width and its
repetition times.
6. Typical Characteristics (Ta = +25°C) D20U
100
Voltage-Current Characteristics (NVD20U-200~NVD20U-470)
Current (A)
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
Max. Clamping Voltage
Max. Leakage Current
NVD20UC470
NVD20UC430
NVD20UC390
NVD20UC360
NVD20UC270
NVD20UC240
NVD20UC220
NVD20UC200
10
4
300
700
5000
1000
900
800
600
500
400
200
4000
3000
2000
Image Derating
(NVD20U-200~NVD20U-240)
1
100
1000
10000
Impulse Width(
µs)
20
100
1000
10
10000
n=10
2
n=10
3
n=2
n=10
n=10
4
n=10
5
n=10
6
100
Voltage-Current Characteristics (NVD20U-620~NVD20U-910)
Current (A)
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
Max. Clamping Voltage
Max. Leakage Current
NVD20UC910
NVD20UC820
NVD20UC780
NVD20UC750
NVD20UC680
NVD20UC620
10
4
300
700
5000
1000
900
800
600
500
400
200
4000
3000
2000
Image Derating
(NVD20U-270~NVD20U-910)
1
100
1000
10000
Impulse Width(
µs)
20
100
1000
10
10000
n=10
2
n=10
3
n=2
n=10
n=10
4
n=10
5
n=10
6
Surge current is
related to impulse
width and its
repetition times.
Surge current is
related to impulse
width and its
repetition times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com