Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SG73S2HTTP Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # SG73S2HTTP
Description  surge current thick film chip resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SG73S2HTTP Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  SG73S2HTTP Datasheet HTML 1Page - KOA Speer Electronics, Inc. SG73S2HTTP Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SG73
surge current thick film chip resistor
applications and ratings
25
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/16/08
Additional environmental applications can also be found at www.koaspeer.com
* Parenthesis indicate EIA package size codes.
PMS 300 neg.
Black neg.
Absolute
Maximum
Working
Voltage
Resistance Range
(E-24)
(F±1%)
(E-24)
(D±0.5%)
(E-24)
(G±2%,J±5%)
(E-12)
(K±10%,M±20%)
SG731J
(0603)
SG73S2A,
SG73P2A (0805)
SG732E
(1210)
SG732H/W2H
(2010)
SG733A/W3A
(2512)
±200
±400
±200
±400
Part
Designation
Absolute
Maximum
Overload
Voltage
Operating
Temp.
Range
Power
Rating
@ 70°C
T.C.R.
(ppm/°C)
Max.
1/16W
(.1W)
1/4W
(.25W)
1/3W
(.33W)
150V
200V
150V
200V
—
10
Ω - 1MΩ
—
—
-55°C
to
+155°C
1
Ω - 10MΩ
SG732B
(1206)
SG732A
(0805)
±200
—
—
1
Ω - 1MΩ
—
—
—
1
Ω - 8.2Ω
1/8W
(.125W)
50V
100V
50V
100V
SG73P1J,
SG73S1J (0603)
±200
1/8W
(.125W)
10
Ω - 1MΩ
1
Ω - 1MΩ
1
Ω - 10MΩ
10
Ω - 1MΩ
1
Ω - 8.2Ω
10
Ω - 1MΩ
1/4W
(.25W)
200V
400V
200V
400V
±200
±400
—
—
—
1
Ω - 8.2Ω
10
Ω - 1MΩ
±200
±400
—
—
—
1
Ω - 8.2Ω
10
Ω - 1MΩ
SG73S2B,
SG73P2B (1206)
1/3W
(.33W)
±200
10
Ω - 1MΩ
1
Ω - 10MΩ
1
Ω - 1MΩ
—
SG73S2E,
SG73P2E (1210)
1/2W
(.5W)
±200
10
Ω - 1MΩ
1
Ω - 10MΩ
1
Ω - 1MΩ
—
3/4W
(.75W)
±200
±400
—
—
—
1
Ω - 8.2Ω
10
Ω - 1MΩ
1W
±200
±400
—
—
—
1
Ω - 8.2Ω
10
Ω - 1MΩ
environmental applications
Performance Characteristics
Parameter
Requirement ∆ R
Limit
Typical
Test Method
Resistance
T.C.R.
25°C
+25°C/-55°C and +25°C/+125°C
Within specified
tolerance
Within specified
T.C.R.
—
—
Overload (Short time)
Rated Voltage x 2.5 for 5 seconds
±2%
±0.5%
Resistance to Solder Heat
260°C ± 5°C, 10 seconds ± 1 second
±1%
±0.75%
Rapid Change of Temperature
-55°C (30 minutes), +125°C (30 minutes), 100 cycles
±0.5%
±0.3%
Moisture Resistance
40°C ± 2°C, 90%~95%RH, 1000 hours; 1.5 hr ON, 0.5 hr OFF cycle
±3%
±0.75%
Endurance at 85°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±3%
±0.75%
High Temperature Exposure
+155°C, 1000 hours
±1%
±0.3%
1733 Reader's Spreads pg1-203:document
1/27/09
4:03 PM
Page 23



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com