Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT16825DL Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # 74ACT16825DL
Description  18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ACT16825DL Datasheet(HTML) 1 Page - Texas Instruments

  74ACT16825DL Datasheet HTML 1Page - Texas Instruments 74ACT16825DL Datasheet HTML 2Page - Texas Instruments 74ACT16825DL Datasheet HTML 3Page - Texas Instruments 74ACT16825DL Datasheet HTML 4Page - Texas Instruments 74ACT16825DL Datasheet HTML 5Page - Texas Instruments 74ACT16825DL Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
54ACT16825, 74ACT16825
18-BIT BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCAS155B – JANUARY 1991 – REVISED APRIL 1996
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Members of the Texas Instruments
Widebus
™ Family
D Inputs Are TTL-Voltage Compatible
D Provide Extra Data Width Necessary for
Wider Address/Data Paths or Buses With
Parity
D Flow-Through Architecture Optimizes
PCB Layout
D Distributed VCC and GND Pin Configuration
Minimizes High-Speed Switching Noise
D EPIC™ (Enhanced-Performance Implanted
CMOS) 1-
µm Process
D Package Options Include Plastic 300-mil
Shrink Small-Outline (DL) Packages Using
25-mil Center-to-Center Pin Spacings and
380-mil Fine-Pitch Ceramic Flat (WD)
Packages Using 25-mil Center-to-Center
Spacings
description
The
’ACT16825
18-bit
buffers/drivers
are
designed
specifically
to
improve
both
the
performance and density of 3-state memory
address drivers, clock drivers, and bus-oriented
receivers and transmitters.
The ’ACT16825 can be used as two 9-bit buffers
or one 18-bit buffer. They provide true data from
A to Y.
The 3-state control gate is a 2-input NOR gate;
therefore, if either output-enable (OE1 or OE2)
input is high, all nine affected outputs are in the
high-impedance state.
The 74ACT16825 is packaged in TI’s shrink small-outline package, which provides twice the I/O pin count and
functionality of standard small-outline packages in the same printed-circuit-board area.
The 54ACT16825 is characterized for operation over the full military temperature range of –55
°C to 125°C. The
74ACT16825 is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE
(each 9-bit section)
INPUTS
OUTPUT
OE1
OE2
A
Y
L
L
L
L
L
LH
H
H
XX
Z
X
H
X
Z
Copyright
© 1996, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC and Widebus are trademarks of Texas Instruments Incorporated.
54ACT16825 . . . DW PACKAGE
74ACT16825 . . . DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
1OE1
1Y1
1Y2
GND
1Y3
1Y4
VCC
1Y5
1Y6
1Y7
GND
1Y8
1Y9
GND
GND
2Y1
2Y2
GND
2Y3
2Y4
2Y5
VCC
2Y6
2Y7
GND
2Y8
2Y9
2OE1
1OE2
1A1
1A2
GND
1A3
1A4
VCC
1A5
1A6
1A7
GND
1A8
1A9
GND
GND
2A1
2A2
GND
2A3
2A4
2A5
VCC
2A6
2A7
GND
2A8
2A9
2OE2


Similar Part No. - 74ACT16825DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT16825DL TI-74ACT16825DL Datasheet
154Kb / 8P
18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
74ACT16825DL TI2-74ACT16825DL Datasheet
258Kb / 10P
18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
REVISED APRIL 1996
74ACT16825DLG4 TI-74ACT16825DLG4 Datasheet
154Kb / 8P
18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
74ACT16825DLR TI-74ACT16825DLR Datasheet
154Kb / 8P
18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
74ACT16825DLR TI2-74ACT16825DLR Datasheet
258Kb / 10P
18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
REVISED APRIL 1996
More results

Similar Description - 74ACT16825DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT162825 TI-SN54ABT162825 Datasheet
117Kb / 7P
18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162825 HITACHI-HD74ALVCH162825 Datasheet
55Kb / 9P
18-bit Buffers / Drivers with 3-state Outputs
HD74ALVCH16825 HITACHI-HD74ALVCH16825 Datasheet
47Kb / 9P
18-bit Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
74ACT16241 TI-74ACT16241 Datasheet
106Kb / 6P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT16825 TI-SN54ABT16825 Datasheet
133Kb / 8P
18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT16825 TI-SN54ABT16825_07 Datasheet
192Kb / 10P
18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
54ACT16825 TI-54ACT16825_07 Datasheet
154Kb / 8P
18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT16541 TI-SN54AHCT16541_07 Datasheet
332Kb / 12P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
54ACT16825 TI-54ACT16825_08 Datasheet
323Kb / 10P
18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT162827 TI1-SN54ABT162827 Datasheet
188Kb / 10P
20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com